Electronic Components Datasheet Search
  English  ▼

X  

LTC2974 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2974
Description  Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2974 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2974 Datasheet HTML 10Page - Linear Technology LTC2974 Datasheet HTML 11Page - Linear Technology LTC2974 Datasheet HTML 12Page - Linear Technology LTC2974 Datasheet HTML 13Page - Linear Technology LTC2974 Datasheet HTML 14Page - Linear Technology LTC2974 Datasheet HTML 15Page - Linear Technology LTC2974 Datasheet HTML 16Page - Linear Technology LTC2974 Datasheet HTML 17Page - Linear Technology LTC2974 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
LTM8045
14
8045fa
For more information www.linear.com/8045
APPLICATIONS INFORMATION
Soft-Start
The LTM8045 soft-start function controls the slew rate
of the power supply output voltage during start-up. A
controlled output voltage ramp minimizes output voltage
overshoot, reduces inrush current from the VIN supply,
and facilitates supply sequencing. A capacitor connected
from the SS pin to GND programs the slew rate. In the
event of a commanded shutdown or lockout (RUN pin),
internal undervoltage lockout or a thermal shutdown, the
soft-start capacitor is automatically discharged before
charging resumes, thus assuring that the soft-start occurs
when the LTM8045 restarts. The soft-start time is given
by the equation:
tSS = CSS/5.45,
where CSS is in µF and tSS is in seconds.
Configurable Undervoltage Lockout
Figure 1 shows how to configure an undervoltage lock-
out (UVLO) for the LTM8045. Typically, UVLO is used in
situations where the input supply is current-limited, has
a relatively high source resistance, or ramps up/down
slowly. A switching regulator draws constant power from
the source, so source current increases as source voltage
drops. This looks like a negative resistance load to the
source and can cause the source to current-limit or latch
low under low source voltage conditions. UVLO prevents
the regulator from operating at source voltages where
these problems might occur.
The RUN pin has a voltage hysteresis with typical thresh-
olds of 1.32V (rising) and 1.29V (falling) and an internal
circuit that draws typically 11.6µA at the RUN threshold.
This makes RUVLO2 optional, allowing UVLO implemen-
tation with a single resistor. Resistor RUVLO2 is optional.
RUVLO2canbeincludedtoreducetheoverallUVLOvoltage
variation caused by variations in the RUN pin current (see
the Electrical Characteristics section). A good choice for
RUVLO2 is ≤10k ±1%. After choosing a value for RUVLO2,
RUVLO1 can be determined from either of the following:
RUVLO1 =
VIN(RISING) − 1.32V
1.32V
RUVLO2
+ 11.6µA
or
RUVLO1 =
VIN(FALLING) − 1.29V
1.29V
RUVLO2
+ 11.6µA
where VIN(RISING) and VIN(FALLING) are the VIN threshold
voltages when rising or falling, respectively.
For example, to disable the LTM8045 for VIN voltages
below3.5Vusingthesingleresistorconfiguration,choose:
RUVLO1 =
3.5V
− 1.29V
1.29V
∞
+ 11.6µA
= 191k
To activate the LTM8045 for VIN voltage greater than 4.5V
using the two resistor configuration, choose RUVLO2 =
10k and:
RUVLO1 =
4.5V
− 1.32V
1.32V
10k
+ 11.6µA
= 22.1k
Internal Undervoltage Lockout
The LTM8045 monitors the VIN supply voltage in case VIN
drops below a minimum operating level (typically about
2.3V). When VIN is detected low, the power switch is
deactivated, and while sufficient VIN voltage persists, the
soft-startcapacitorisdischarged.AfterVINisdetectedhigh,
the LTM8045 will reactivate and the soft-start capacitor
will begin charging.
LTM8045
GND
VIN
RUN
RUVLO1
RUVLO2
VIN
8045 F01
Figure 1. The RUN Pin May Be Used
to Implement an Accurate UVLO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com