Electronic Components Datasheet Search
  English  ▼

X  

LTC3857 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3857
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3857 Datasheet(HTML) 1 Page - Linear Technology

  LTC3857 Datasheet HTML 1Page - Linear Technology LTC3857 Datasheet HTML 2Page - Linear Technology LTC3857 Datasheet HTML 3Page - Linear Technology LTC3857 Datasheet HTML 4Page - Linear Technology LTC3857 Datasheet HTML 5Page - Linear Technology LTC3857 Datasheet HTML 6Page - Linear Technology LTC3857 Datasheet HTML 7Page - Linear Technology LTC3857 Datasheet HTML 8Page - Linear Technology LTC3857 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
LTC3890-3
1
38903f
For more information www.linear.com/3890-3
Typical applicaTion
FeaTures
applicaTions
DescripTion
60V Low IQ, Dual, 2-Phase
Synchronous Step-Down
DC/DC Controller
High Efficiency Dual 8.5V/3.3V Output Step-Down Converter
n
Wide VIN Range: 4V to 60V (65V Abs Max)
n
Low Operating IQ: 50µA (One Channel On)
n
Wide Output Voltage Range: 0.8V ≤ VOUT ≤ 24V
n
RSENSE or DCR Current Sensing
n
Out-of-Phase Controllers Reduce Input Capacitance
and Power Supply Induced Noise
n
Phase-Lockable Frequency (75kHz to 850kHz)
n
Programmable Fixed Frequency (50kHz to 900kHz)
n
Selectable Continuous, Pulse-Skipping or Low Ripple
Burst Mode® Operation at Light Loads
n
Very Low Dropout Operation: 99% Duty Cycle
n
Adjustable Output Voltage Soft-Start or Tracking
n
Power Good Output Voltage Monitor
n
Low Shutdown IQ: <14µA
n
Internal LDO Powers Gate Drive from VIN or EXTVCC
n
Narrow SSOP Package
n
Automotive Always-On Systems
n
Battery Operated Digital Devices
n
Distributed DC Power Systems
Efficiency and Power Loss
vs Output Current
The LTC®3890-3 is a high performance dual step-down
switching regulator DC/DC controller that drives all
N-channelsynchronouspowerMOSFETstages.Aconstant
frequency current mode architecture allows a phase-
lockablefrequencyofupto850kHz.Powerlossandsupply
noise are minimized by operating the two controller output
stages out-of-phase.
The 50μA no-load quiescent current extends operating life
in battery-powered systems. OPTI-LOOP® compensation
allows the transient response to be optimized over a wide
range of output capacitance and ESR values. A wide 4V
to 60V input supply range encompasses a wide range of
intermediate bus voltages and battery chemistries.
Independent TRACK/SS pins for each controller ramp the
outputvoltagesduringstart-up.Currentmodecontrollimits
the inductor current during short-circuit conditions. The
PLLIN/MODE pin selects among Burst Mode operation,
pulse-skipping mode, or continuous conduction mode at
light loads.
For versions with different and/or additional features, see
the LTC3890 family summary, Table 1, in the Pin Functions
section of this data sheet.
0.1µF
100k
4.7µH
1000pF
470µF
4.7µF
22µF
0.008Ω
31.6k
34.8k
VOUT1
3.3V
5A
330µF
0.1µF
100k
8µH
1000pF
0.01Ω
10.5k
34.8k
VOUT2
8.5V
3A
TG1
TG2
BOOST1
BOOST2
SW1
SW2
BG1
BG2
SGND
PGND
SENSE1+
SENSE2+
SENSE1–
SENSE2–
VFB1
VFB2
ITH1
ITH2
VIN
INTVCC
TRACK/SS1
TRACK/SS2
VIN
9V TO 60V
38903 TA01a
0.1µF
0.1µF
LTC3890-3
OUTPUT CURRENT (A)
0
70
100
1
0.1
0.01
0.001
0.0001
10
38903 TA01b
50
40
30
20
1
10
100
1000
10000
0.1
10
60
80
90
VIN = 12V
VOUT = 3.3V
L
, LT, LTC, LTM, Linear Technology, Burst Mode, OPTI-LOOP, PolyPhase and the Linear logo
are registered trademarks of Linear Technology Corporation. All other trademarks are the
property of their respective owners. Protected by U.S. Patents including 5481178, 5705919,
5929620, 6100678, 6144194, 6177787, 6304066, 6580258, 7230497.


Similar Part No. - LTC3857

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3857 LINER-LTC3857 Datasheet
531Kb / 38P
Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857 Datasheet
349Kb / 30P
550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3857 LINER-LTC3857 Datasheet
487Kb / 28P
60V Low IQ Step-Down DC/DC Controller with 100% Duty Cycle Capability
LTC3857 LINER-LTC3857 Datasheet
422Kb / 40P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3857 LINER-LTC3857 Datasheet
1Mb / 30P
Low IQ Synchronous Step-Down Controller
More results

Similar Description - LTC3857

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3890 LINER-LTC3890 Datasheet
441Kb / 36P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1 Datasheet
504Kb / 36P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-2 LINER-LTC3890-2 Datasheet
422Kb / 40P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-3 LINER-LTC3890-3_15 Datasheet
1Mb / 40P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1_15 Datasheet
882Kb / 36P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890 LINER-LTC3890_15 Datasheet
918Kb / 40P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-2 LINER-LTC3890-2_15 Datasheet
422Kb / 40P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3892 LINER-LTC3892_15 Datasheet
1Mb / 36P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3892-1 LINER-LTC3892-1_15 Datasheet
1Mb / 36P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3892 LINER-LTC3892 Datasheet
1Mb / 38P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com