Electronic Components Datasheet Search
  English  ▼

X  

LTC3857 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3857
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3857 Datasheet(HTML) 4 Page - Linear Technology

  LTC3857 Datasheet HTML 1Page - Linear Technology LTC3857 Datasheet HTML 2Page - Linear Technology LTC3857 Datasheet HTML 3Page - Linear Technology LTC3857 Datasheet HTML 4Page - Linear Technology LTC3857 Datasheet HTML 5Page - Linear Technology LTC3857 Datasheet HTML 6Page - Linear Technology LTC3857 Datasheet HTML 7Page - Linear Technology LTC3857 Datasheet HTML 8Page - Linear Technology LTC3857 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
LTC3890-3
4
38903f
For more information www.linear.com/3890-3
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating junction
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VRUN1,2 = 5V, EXTVCC = 0V unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TG/BG t1D
Top Gate Off to Bottom Gate On Delay
Synchronous Switch-On Delay Time
CLOAD = 3300pF Each Driver
30
ns
BG/TG t1D
Bottom Gate Off to Top Gate On Delay
Top Switch-On Delay Time
CLOAD = 3300pF Each Driver
30
ns
tON(MIN)
Minimum On-Time
(Note 7)
95
ns
INTVCC Linear Regulator
VINTVCCVIN
Internal VCC Voltage
6V < VIN < 60V, VEXTVCC = 0V
4.85
5.1
5.35
V
VLDOVIN
INTVCC Load Regulation
ICC = 0mA to 50mA, VEXTVCC = 0V
0.7
1.1
%
VINTVCCEXT
Internal VCC Voltage
6V < VEXTVCC < 13V
4.85
5.1
5.35
V
VLDOEXT
INTVCC Load Regulation
ICC = 0mA to 50mA, VEXTVCC = 8.5V
0.6
1.1
%
VEXTVCC
EXTVCC Switchover Voltage
EXTVCC Ramping Positive
4.5
4.7
4.9
V
VLDOHYS
EXTVCC Hysteresis
250
mV
Oscillator and Phase-Locked Loop
f25kΩ
Programmable Frequency
RFREQ = 25k, PLLIN/MODE = DC Voltage
105
kHz
f65kΩ
Programmable Frequency
RFREQ = 65k, PLLIN/MODE = DC Voltage
375
440
505
kHz
f105kΩ
Programmable Frequency
RFREQ = 105k, PLLIN/MODE = DC Voltage
835
kHz
fLOW
Low Fixed Frequency
VFREQ = 0V, PLLIN/MODE = DC Voltage
320
350
380
kHz
fHIGH
High Fixed Frequency
VFREQ = INTVCC, PLLIN/MODE = DC Voltage
485
535
585
kHz
fSYNC
Synchronizable Frequency
PLLIN/MODE = External Clock
l
75
850
kHz
PGOOD1 Output
VPGL
PGOOD1 Voltage Low
IPGOOD = 2mA
0.2
0.4
V
IPGOOD
PGOOD1 Leakage Current
VPGOOD = 5V
±1
µA
VPG
PGOOD1 Trip Level
VFB with Respect to Set Regulated Voltage
VFB Ramping Negative
Hysteresis
–13
–10
2.5
–7
%
%
VFB with Respect to Set Regulated Voltage
VFB Ramping Positive
Hysteresis
7
10
2.5
13
%
%
tPG
Delay for Reporting a Fault
25
µs
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Ratings for extended periods may affect device reliability and
lifetime.
Note 2: The LTC3890-3 is tested under pulsed load condition such that
TJ ≈ TA.The LTC3890E-3 is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 125°C operating
junction temperature range are assured by design, characterization and
correlation with statistical process controls. The LTC3890I-3 is guaranteed
over the –40°C to 125°C operating junction temperature range, the
LTC3890H-3 is guaranteed over the –40°C to 150°C operating junction
temperature range and the LTC3890MP-3 is tested and guaranteed over
the –55°C to 150°C operating junction temperature range.
High junction temperatures degrade operating lifetimes; operating lifetime
is derated for junction temperatures greater than 125°C. Note that the
maximum ambient temperature consistent with these specifications is
determined by specific operating conditions in conjunction with board layout,
the rated package thermal impedance and other environmental factors.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD • 90°C/W)
Note 4: The LTC3890-3 is tested in a feedback loop that servos VITH1,2 to
a specified voltage and measures the resultant VFB. The specification at
85°C is not tested in production and is assured by design, characterization
and correlation to production testing at other temperatures (125°C for the
LTC3890E-3/LTC3890I-3, 150°C for the LTC3890H-3/LTC3890MP-3). For
the LTC3890MP-3, the specification at –40°C is not tested in production
and is assured by design, characterization and correlation to production
testing at –55°C.
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See the Applications information section.
Note 6: Rise and fall times are measured using 10% and 90% levels. Delay
times are measured using 50% levels.
Note 7: The minimum on-time condition is specified for an inductor peak-
to-peak ripple current ≥ of IMAX (See Minimum On-Time Considerations in
the Applications Information section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com