Electronic Components Datasheet Search
  English  ▼

X  

LTC3857 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3857
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3857 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3857 Datasheet HTML 10Page - Linear Technology LTC3857 Datasheet HTML 11Page - Linear Technology LTC3857 Datasheet HTML 12Page - Linear Technology LTC3857 Datasheet HTML 13Page - Linear Technology LTC3857 Datasheet HTML 14Page - Linear Technology LTC3857 Datasheet HTML 15Page - Linear Technology LTC3857 Datasheet HTML 16Page - Linear Technology LTC3857 Datasheet HTML 17Page - Linear Technology LTC3857 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
LTC3890-3
14
38903f
For more information www.linear.com/3890-3
operaTion (Refer to the Functional Diagram)
Figure 1. Input Waveforms Comparing Single-Phase (a) and 2-Phase (b) Operation for Dual Switching Regulators
Converting 12V to 5V and 3.3V at 3A Each. The Reduced Input Ripple with the 2-Phase Regulator Allows
Less Expensive Input Capacitors, Reduces Shielding Requirements for EMI and Improves Efficiency
Figure 2. RMS Input Current Comparison
Figure1comparestheinputwaveformsforarepresentative
single-phase dual switching regulator to the LTC3890-3
2-phase dual switching regulator. An actual measure-
ment of the RMS input current under these conditions
shows that 2-phase operation dropped the input current
from 2.53ARMS to 1.55ARMS. While this is an impressive
reduction in itself, remember that the power losses are
proportionaltoIRMS2,meaningthattheactualpowerwasted
is reduced by a factor of 2.66. The reduced input ripple
voltage also means less power is lost in the input power
path, which could include batteries, switches, trace/con-
nectorresistancesandprotectioncircuitry.Improvements
in both conducted and radiated EMI also directly accrue
as a result of the reduced RMS input current and voltage.
Of course, the improvement afforded by 2-phase opera-
tion is a function of the dual switching regulator’s relative
duty cycles which, in turn, are dependent upon the input
voltage VIN (Duty Cycle = VOUT/VIN). Figure 2 shows how
the RMS input current varies for single phase and 2-phase
operation for 3.3V and 5V regulators over a wide input
voltage range.
It can readily be seen that the advantages of 2-phase op-
eration are not just limited to a narrow operating range,
for most applications is that 2-phase operation will reduce
the input capacitor requirement to that for just one chan-
nel operating at maximum current and 50% duty cycle.
IIN(MEAS) = 2.53ARMS
IIN(MEAS) = 1.55ARMS
38903 F01
5V SWITCH
20V/DIV
3.3V SWITCH
20V/DIV
INPUT CURRENT
5A/DIV
INPUT VOLTAGE
500mV/DIV
INPUT VOLTAGE (V)
0
3.0
2.5
2.0
1.5
1.0
0.5
0
10
20
30
40
38903 F02
SINGLE PHASE
DUAL CONTROLLER
2-PHASE
DUAL CONTROLLER
VO1 = 5V/3A
VO2 = 3.3V/3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com