Electronic Components Datasheet Search
  English  ▼

X  

LTC3835 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC3835
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3835 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC3835 Datasheet HTML 19Page - Linear Technology LTC3835 Datasheet HTML 20Page - Linear Technology LTC3835 Datasheet HTML 21Page - Linear Technology LTC3835 Datasheet HTML 22Page - Linear Technology LTC3835 Datasheet HTML 23Page - Linear Technology LTC3835 Datasheet HTML 24Page - Linear Technology LTC3835 Datasheet HTML 25Page - Linear Technology LTC3835 Datasheet HTML 26Page - Linear Technology LTC3835 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
LTC3890-3
23
38903f
For more information www.linear.com/3890-3
applicaTions inForMaTion
Topside MOSFET Driver Supply (CB, DB)
Externalbootstrapcapacitors,CB,connectedtotheBOOST
pinssupplythegatedrivevoltagesforthetopsideMOSFETs.
Capacitor CB in the Functional Diagram is charged though
external diode DB from INTVCC when the SW pin is low.
When one of the topside MOSFETs is to be turned on, the
driver places the CB voltage across the gate-source of the
desired MOSFET. This enhances the top MOSFET switch
and turns it on. The switch node voltage, SW, rises to VIN
and the BOOST pin follows. With the topside MOSFET
on, the boost voltage is above the input supply: VBOOST =
VIN + VINTVCC. The value of the boost capacitor, CB, needs
to be 100 times that of the total input capacitance of the
topsideMOSFET(s).Thereversebreakdownoftheexternal
Schottky diode must be greater than VIN(MAX).
The external diode DB can be a Schottky diode or silicon
diode, but in either case it should have low-leakage and
fast recovery. Pay close attention to the reverse leakage
current specification for this diode, especially at high
temperatures where it generally increases substantially.
For applications with output voltages greater than ~5V
that are switching infrequently, a leaky diode DB can fully
discharge the bootstrap capacitor CB, creating a current
path from the output voltage to the BOOST pin to INTVCC.
Not only does this increase the quiescent current of the
converter, but it can cause INTVCC to rise to dangerous
levels if the leakage exceeds the current consumption on
INTVCC.
Particularly, this is a concern in Burst Mode operation at
no load or very light loads, where the part is switching
very infrequently and the current draw on INTVCC is very
low (typically about 35µA). Generally, pulse-skipping and
forced continuous modes are less sensitive to leakage,
since the more frequent switching keeps the bootstrap
capacitor CB charged, preventing a current path from the
output voltage to INTVCC.
However, in cases where the converter has been operat-
ing (in any mode) and then is shut down, if the leakage
of diode DB fully discharges the bootstrap capacitor CB
before the output voltage discharges to below ~5V, then
the leakage current path can be created from the output
voltage to INTVCC. In shutdown, the INTVCC pin is able to
sink about 30µA. To accommodate diode leakage greater
than this amount in shutdown, INTVCC can be loaded
with an external resistor or clamped with a Zener diode.
Alternatively, the PGOOD resistor can be used to sink the
current (assuming the resistor pulls up to INTVCC) since
PGOOD is pulled low when the converter is shut down.
Nonetheless, using a low-leakage diode is the best choice
to maintain low quiescent current under all conditions.
Fault Conditions: Current Limit and Current Foldback
The LTC3890-3 peak current mode control architecture
limits the inductor current when the output is shorted to
ground. Under short-circuit conditions with very low duty
cycles, the LTC3890-3 will begin cycle skipping in order
to limit the short-circuit current. In this situation the bot-
tom MOSFET will be dissipating most of the power. The
short-circuit ripple current is determined by the minimum
on-time, tON(MIN), of the LTC3890-3 (≈90ns), the input
voltage and inductor value:
∆IL(SC) = tON(MIN)
VIN
L
The resulting average short-circuit current is:
ISC =ILIM(MAX) –
1
2
∆IL(SC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com