Electronic Components Datasheet Search
  English  ▼

X  

LTC3835 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC3835
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3835 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC3835 Datasheet HTML 23Page - Linear Technology LTC3835 Datasheet HTML 24Page - Linear Technology LTC3835 Datasheet HTML 25Page - Linear Technology LTC3835 Datasheet HTML 26Page - Linear Technology LTC3835 Datasheet HTML 27Page - Linear Technology LTC3835 Datasheet HTML 28Page - Linear Technology LTC3835 Datasheet HTML 29Page - Linear Technology LTC3835 Datasheet HTML 30Page - Linear Technology LTC3835 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
LTC3890-3
27
38903f
For more information www.linear.com/3890-3
applicaTions inForMaTion
The ITH series RC-CC filter sets the dominant pole-zero
loop compensation. The values can be modified slightly
(from 0.5 to 2 times their suggested values) to optimize
transient response once the final PC layout is done and
the particular output capacitor type and value have been
determined. The output capacitors need to be selected
because the various types and values determine the loop
gain and phase. An output current pulse of 20% to 80%
of full-load current having a rise time of 1µs to 10µs will
produce output voltage and ITH pin waveforms that will
give a sense of the overall loop stability without breaking
the feedback loop.
Placing a power MOSFET directly across the output ca-
pacitor and driving the gate with an appropriate signal
generator is a practical way to produce a realistic load step
condition. The initial output voltage step resulting from
the step change in output current may not be within the
bandwidth of the feedback loop, so this signal cannot be
used to determine phase margin. This is why it is better
to look at the ITH pin signal which is in the feedback loop
andisthefilteredandcompensatedcontrolloopresponse.
The gain of the loop will be increased by increasing RC
and the bandwidth of the loop will be increased by de-
creasing CC. If RC is increased by the same factor that CC
is decreased, the zero frequency will be kept the same,
thereby keeping the phase shift the same in the most
critical frequency range of the feedback loop. The output
voltage settling behavior is related to the stability of the
closed-loopsystemandwilldemonstratetheactualoverall
supply performance.
A second, more severe transient is caused by switching
in loads with large (>1µF) supply bypass capacitors. The
discharged bypass capacitors are effectively put in parallel
with COUT, causing a rapid drop in VOUT. No regulator can
alter its delivery of current quickly enough to prevent this
sudden step change in output voltage if the load switch
resistance is low and it is driven quickly. If the ratio of
CLOAD to COUT is greater than 1:50, the switch rise time
should be controlled so that the load rise time is limited
to approximately 25 • CLOAD. Thus a 10µF capacitor would
require a 250µs rise time, limiting the charging current
to about 200mA.
Design Example
As a design example for one channel, assume VIN =
12V(nominal), VIN = 22V (max), VOUT = 3.3V, IMAX = 5A,
VSENSE(MAX) = 75mV and f = 350kHz.
The inductance value is chosen first based on a 30% ripple
current assumption. The highest value of ripple current
occurs at the maximum input voltage. Tie the FREQ pin
to GND, generating 350kHz operation. The minimum
inductance for 30% ripple current is:
∆IL =
VOUT
f
( ) L()
1–
VOUT
VIN(NOM)


A 4.7µH inductor will produce 29% ripple current. The
peak inductor current will be the maximum DC value plus
one half the ripple current, or 5.73A. Increasing the ripple
current will also help ensure that the minimum on-time
of 95ns is not violated. The minimum on-time occurs at
maximum VIN:
tON(MIN) =
VOUT
VIN(MAX) f
( )
=
3.3V
22V 350kHz
(
)
= 429ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com