Electronic Components Datasheet Search
  English  ▼

X  

LT1114 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1114
Description  Dual/Quad 3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1114 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1114 Datasheet HTML 4Page - Linear Technology LT1114 Datasheet HTML 5Page - Linear Technology LT1114 Datasheet HTML 6Page - Linear Technology LT1114 Datasheet HTML 7Page - Linear Technology LT1114 Datasheet HTML 8Page - Linear Technology LT1114 Datasheet HTML 9Page - Linear Technology LT1114 Datasheet HTML 10Page - Linear Technology LT1114 Datasheet HTML 11Page - Linear Technology LT1114 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LT6016/LT6017
8
60167fa
TYPICAL PERFORMANCE CHARACTERISTICS
Typical Distribution of Over-The-Top
Input Offset Voltage
Typical Distribution of Input
Offset Voltage
Typical Distribution of Over-The-Top
Input Offset Voltage
Voltage Offset Shift vs Lead Free
IR Reflow
Over-The-Top Voltage Offset Shift
vs Lead Free IR Reflow
Voltage Offset Shift vs Lead Free
IR Reflow
Typical Distribution of Input
Offset Voltage
Typical Distribution of Input
Offset Voltage
Typical Distribution of Over-The-Top
Input Offset Voltage
INPUT OFFSET VOLTAGE (μV)
–50 –40 –30 –20 –10
0
600
500
400
300
200
100
0
10 2030 4050
60167 G02
VS = ±15V
VCM = 0V
TA = 25°C
MS8 PACKAGE
1285 UNITS
2570 CHANNELS
FROM TWO RUNS
INPUT OFFSET VOLTAGE (μV)
–50 –40 –30 –20 –10
0
350
300
250
200
150
100
50
0
10 2030 4050
60167 G03
VS = 5V
VCM = 5V
TA = 25°C
MS8 PACKAGE
965 UNITS
1930 CHANNELS
FROM TWO RUNS
INPUT OFFSET VOLTAGE (μV)
–50 –40 –30 –20 –10
0
350
300
250
200
150
100
50
0
10 2030 4050
60167 G05
VS = 5V
VCM = MID-SUPPLY
TA = 25°C
DJC22 PACKAGE
510 UNITS
2040 CHANNELS
FROM TWO RUNS
INPUT OFFSET VOLTAGE (μV)
–100 –80 –60 –40 –20
0
500
450
400
350
300
250
200
150
100
50
0
20 40 60 80 100
60167 G06
VS = 5V
VCM = 5V
TA = 25°C
DJC22 PACKAGE
510 UNITS
2040 CHANNELS
FROM TWO RUNS
VOLTAGE OFFSET SHIFT (μV)
–20 –15 –10 –5
0
18
16
14
12
10
8
6
4
2
0
5
10
15
20
25
60167 G07
24 DEVICES
48 CHANNELS
MS8 PACKAGE
VS = 5V
VCM = MID-SUPPLY
VOLTAGE OFFSET SHIFT (μV)
–20 –15 –10 –5
0
14
12
10
8
6
4
2
0
5
10
15
20
25
60167 G08
24 DEVICES
48 CHANNELS
MS8 PACKAGE
VS = 5V
VCM = 5V
INPUT OFFSET VOLTAGE (μV)
–30 –25 –20 –15 –10 –5
0
350
400
300
250
200
150
100
50
0
5 10 15 20 25 30
60167 G01
VS = 5V
VCM = MID-SUPPLY
TA = 25°C
MS8 PACKAGE
1285 UNITS
2570 CHANNELS
FROM TWO RUNS
INPUT OFFSET VOLTAGE (μV)
–50 –40 –30 –20 –10
0
350
300
250
200
150
100
50
0
10 2030 4050
60167 G04
VS = 5V
VCM = 76V
TA = 25°C
MS8 PACKAGE
965 UNITS
1930 CHANNELS
FROM TWO RUNS
VOLTAGE OFFSET SHIFT (μV)
–25 –20
–5
0
0
12
10
8
6
4
2
–15 –10
5 10 15 20 25
60167 G09
10 DEVICES
40 CHANNELS
DJC22 PACKAGE
VS = 5V
VCM = MID-SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com