Electronic Components Datasheet Search
  English  ▼

X  

LT1114 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1114
Description  Dual/Quad 3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1114 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1114 Datasheet HTML 6Page - Linear Technology LT1114 Datasheet HTML 7Page - Linear Technology LT1114 Datasheet HTML 8Page - Linear Technology LT1114 Datasheet HTML 9Page - Linear Technology LT1114 Datasheet HTML 10Page - Linear Technology LT1114 Datasheet HTML 11Page - Linear Technology LT1114 Datasheet HTML 12Page - Linear Technology LT1114 Datasheet HTML 13Page - Linear Technology LT1114 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LT6016/LT6017
10
60167fa
TYPICAL PERFORMANCE CHARACTERISTICS
Input Bias Current vs Supply
Voltage
Supply Current vs Supply Voltage
Reverse Supply Current vs
Reverse Supply Voltage
Noise Density vs Frequency
Over-The-Top Noise Density vs
Frequency
0.1Hz to 10Hz Noise
Long Term Stability of Five
Representative Units
Input Bias Current vs Input
Common Mode Voltage
Input Bias Current vs Input
Common Mode Voltage
SUPPLY VOLTAGE (V)
–60
–15
10
0
5
–5
–10
–50
–40
–30
–20
60167 G24
0
–10
TA = 130°C
NON-INVERTING OP AMP CONFIGURATION
+INA, +INB TIED TO V–
TA = –55°C
TA = 25°C
TA = 150°C
TIME (MONTHS)
1
02
–5
5
4
3
2
1
0
–1
–2
–3
–4
34
60167 G19
VS = 5V
5 UNITS, 10 CHANNELS
MS8 PACKAGE
CHANNEL A
CHANNEL B
FREQUENCY (Hz)
1
0
60
50
40
30
20
10
0
60
50
40
30
20
10
10
100
1000
60167 G26
VS = 5V
VCM = 5V
CURRENT NOISE
VOLTAGE NOISE
TIME (SEC)
0
26
48
10
60167 G27
VS = ±2.5V TO ±25V
TA = 25°C
SUPPLY VOLTAGE (V)
0
0
600
400
300
500
200
100
10
20
30
40
60167 G23
50
TA = –55°C
TA = 150°C
PARAMETRIC SWEEP IN ~25°C
INCREMENTS
FREQUENCY (Hz)
1
0
40
35
30
25
20
15
10
5
0
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
10
100
1000
10k
60167 G25
100k
CURRENT NOISE
VOLTAGE NOISE
INPUT COMMON MODE VOLTAGE (V)
0.1
–5
20
15
10
5
0
110
60167 G20
100
TA = 125°C
TA = 85°C
TA = 25°C
TA = –45°C
TA = –55°C
VS = 5V
INPUT COMMON MODE VOLTAGE (V)
0.001
–50
25
0
–25
0.01
0.1
1
60167 G21
10
TA = 125°C
TA = 85°C
TA = 25°C
TA = –45°C
TA = –55°C
SUPPLY VOLTAGE (V)
0
–2.5
12.5
7.5
5.0
10.0
2.5
0.0
10
20
30
40
60167 G22
50
TA = 125°C
TA = 85°C
TA = 25°C
TA = –45°C
TA = –55°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com