Electronic Components Datasheet Search
  English  ▼

X  

LT1114 Datasheet(PDF) 17 Page - Linear Technology

Part # LT1114
Description  Dual/Quad 3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1114 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT1114 Datasheet HTML 13Page - Linear Technology LT1114 Datasheet HTML 14Page - Linear Technology LT1114 Datasheet HTML 15Page - Linear Technology LT1114 Datasheet HTML 16Page - Linear Technology LT1114 Datasheet HTML 17Page - Linear Technology LT1114 Datasheet HTML 18Page - Linear Technology LT1114 Datasheet HTML 19Page - Linear Technology LT1114 Datasheet HTML 20Page - Linear Technology LT1114 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
LT6016/LT6017
17
60167fa
SIMPLIFIED SCHEMATIC
60167 SS
Q10
PNP
Q9
PNP
Q6
PNP
Q5
PNP
Q2
PNP
Q1
PNP
Q3
PNP
Q4
PNP
Q12
NPN
Q11
NPN
R5
40k
5μA
I2
V+
V–
–IN
R3
6k
R4
6k
+IN
D4
D1
D2
R1, 1k
R2, 1k
16μA
I1
8μA
I3
8μA
OUT
M2
PMOS
M1
PMOS
I4
Q7
NPN
Q8
NPN
Q13
NPN
P
N
CLASS AB
ADJUST
D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com