Electronic Components Datasheet Search
  English  ▼

X  

LT6231 Datasheet(PDF) 16 Page - Linear Technology

Part # LT6231
Description  Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6231 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT6231 Datasheet HTML 12Page - Linear Technology LT6231 Datasheet HTML 13Page - Linear Technology LT6231 Datasheet HTML 14Page - Linear Technology LT6231 Datasheet HTML 15Page - Linear Technology LT6231 Datasheet HTML 16Page - Linear Technology LT6231 Datasheet HTML 17Page - Linear Technology LT6231 Datasheet HTML 18Page - Linear Technology LT6231 Datasheet HTML 19Page - Linear Technology LT6231 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LT6236/LT6237
16
623637f
TYPICAL PERFORMANCE CHARACTERISTICS
Large-Signal Response
Output Overdrive Recovery
(LT6236) ENABLE Characteristics
Supply Current
vs ENABLE Pin Voltage
ENABLE Pin Current
vs ENABLE Pin Voltage
ENABLE Pin Response Time
0V
5V
–5V
200ns/DIV
62367 G37
VS = ±5V
AV = 1
RL = 1k
0V
0V
200ns/DIV
62367 G38
VS = ±2.5V
AV = 3
PIN VOLTAGE (V)
–1.0
62367 G39
–2.0
0
4.5
4.0
3.5
3.0
2.5
2.0
1.0
0.5
1.5
0
1.0
2.0
VS = ±2.5V
TA = 125°C
TA = 25°C
TA = –55°C
PIN VOLTAGE (V)
62367 G40
30
25
20
15
10
5
0
TA = 125°C
VS = ±2.5V
AV = 1
TA = 25°C
TA = –55°C
–1.0
–2.0
0
1.0
2.0
0.5V
0V
0V
5V
100μs/DIV
62367 G41
VS = ±2.5V
VIN = 0.5V
AV = 1
RL = 1k
Large-Signal Response
Small-Signal Response
2V
0V
–2V
200ns/DIV
62367 G35
VS = ±2.5V
AV = –1
RL = 1k
0V
200ns/DIV
62367 G36
VS = ±2.5V
AV = 1
RL = 1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com