Electronic Components Datasheet Search
  English  ▼

X  

LT6231 Datasheet(PDF) 20 Page - Linear Technology

Part # LT6231
Description  Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6231 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT6231 Datasheet HTML 16Page - Linear Technology LT6231 Datasheet HTML 17Page - Linear Technology LT6231 Datasheet HTML 18Page - Linear Technology LT6231 Datasheet HTML 19Page - Linear Technology LT6231 Datasheet HTML 20Page - Linear Technology LT6231 Datasheet HTML 21Page - Linear Technology LT6231 Datasheet HTML 22Page - Linear Technology LT6231 Datasheet HTML 23Page - Linear Technology LT6231 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LT6236/LT6237
20
623637f
TYPICAL APPLICATIONS
Single Supply, Low Noise, Low Power, Bandpass Filter with Gain = 10
Driving a Fully Differential ADC
Driving a Single-Ended ADC
+
–
R2
732Ω
R4
10k
C3
0.1μF
EN
LT6236
f0 =
1
= 1MHz
C = √C1C2, R = R1 = R2
f0 =
(732Ω)MHz, MAXIMUM f0 = 1MHz
f–3dB =
f0
AV = 20dB at f0
EN = 4μVRMS INPUT REFERRED
IS = 3.7mA FOR V
+ = 5V
62367 TA02
0.1μF
C2
47pF
C1
1000pF
R3
10k
R1
732Ω
VOUT
V+
VIN
2
πRC
R
2.5
FREQUENCY (Hz)
100k
23
3
–7
1M
10M
62367 TA03
Frequency Response Plot of Bandpass Filter
62367 TA04
IN–
IN+
270pF
38.3Ω
38.3Ω
6V
–2V
1/2 LT6237
LOWPASS FILTERS
1/2 LT6237
LTC2389-18
270pF
+
–
+
–
49.9Ω
49.9Ω
VA
VB
4.096V
0V
4.096V
0V
4.096V
0V
OR
OR
62367 TA05
IN–
IN+
1nF
10Ω
LOWPASS FILTER
LTC2389-18
LT6236
+
–
4.096V
0V
6V
–2V
49.9Ω
49.9Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com