Electronic Components Datasheet Search
  English  ▼

X  

LT6231 Datasheet(PDF) 19 Page - Linear Technology

Part # LT6231
Description  Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6231 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT6231 Datasheet HTML 15Page - Linear Technology LT6231 Datasheet HTML 16Page - Linear Technology LT6231 Datasheet HTML 17Page - Linear Technology LT6231 Datasheet HTML 18Page - Linear Technology LT6231 Datasheet HTML 19Page - Linear Technology LT6231 Datasheet HTML 20Page - Linear Technology LT6231 Datasheet HTML 21Page - Linear Technology LT6231 Datasheet HTML 22Page - Linear Technology LT6231 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LT6236/LT6237
19
623637f
Interfacing to ADCs
When driving an ADC, a single-pole, passive RC filter
should be used between the outputs of the LT6236/LT6237
and the inputs of the ADC. The sampling process of ADCs
creates a charge transient from the switching of the ADC
sampling capacitor. This momentarily “shorts” the output
of the amplifier as charge is transferred between amplifier
and sampling capacitor. The amplifier must recover and
settle from this load transient before the acquisition period
has ended for a valid representation of the input signal.
The RC network between the outputs of the driver and
the inputs of the ADC decouples the sampling transient
of the ADC. The capacitance serves to provide the bulk
of the charge during the sampling process, while the two
resistors at the outputs of the LT6236/LT6237 are used to
dampen and attenuate any charge injected by the ADC. The
RC filter provides the benefit of band limiting broadband
output noise.
Thanks to the very low wideband noise of the LT6236/
LT6237, a wideband filter can be used between the
amplifier and the ADC without impacting SNR. This
is especially important with ADCs or applications that
require full settling in between each conversion.
The selection of an appropriate filter depends on the
specific ADC, however the following procedure is sug-
gested for choosing filter component values. Begin by
selecting an appropriate RC time constant for the input
APPLICATIONS INFORMATION
signal. Generally, longer time constants improve SNR at
the expense of settling time. Output transient settling to
18-bit accuracy will require over twelve RC time constants.
To select the resistor value, the resistors in the decoupling
network should be at least 10Ω. Keep in mind that these
resistors also serve to decouple the LT6236/LT6237
outputs from load capacitance. Too large of a resistor will
leave insufficient settling time. Too small of a resistor will
not properly dampen the load transient of the sampling
process, and prolong the time required for settling. For
lowest distortion, choose capacitors with low dielectric
absorption such as a C0G multilayer ceramic capacitor. In
general, large capacitor values attenuate the fixed nonlinear
charge kickback, however very large capacitor values will
detrimentally load the driver at the desired input frequency
and cause driver distortion. Smaller input swings allow
for larger filter capacitor values due to decreased loading
demands on the driver. This property may be limited by
the particular input amplitude dependence of differential
nonlinear kickback for the specific ADC used.
Series resistors should typically be placed at the inputs to
the ADC in order to further improve distortion performance.
These series resistors function with the ADC sampling
capacitor to filter potential ground bounce or other high
speed sampling disturbances. Additionally the resistors
limit the rise time of residual filter glitches that manage to
propagate to the driver outputs. Restricting possible glitch
propagation rise time to within the small signal bandwidth
of the driver enables less disturbed output settling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com