Electronic Components Datasheet Search
  English  ▼

X  

LTC2365 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2365
Description  14-Bit, 4.5Msps Serial Sampling ADC in TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2365 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2365 Datasheet HTML 8Page - Linear Technology LTC2365 Datasheet HTML 9Page - Linear Technology LTC2365 Datasheet HTML 10Page - Linear Technology LTC2365 Datasheet HTML 11Page - Linear Technology LTC2365 Datasheet HTML 12Page - Linear Technology LTC2365 Datasheet HTML 13Page - Linear Technology LTC2365 Datasheet HTML 14Page - Linear Technology LTC2365 Datasheet HTML 15Page - Linear Technology LTC2365 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTC2314-14
12
231414f
For more information www.linear.com/2314-14
applicaTions inForMaTion
The output swing on the SDO pin is controlled by the
OVDD pin voltage and supports a wide operating range
from 1.71V to 5.25V independent of the VDD pin voltage.
Power Considerations
The LTC2314-14 provides two sets of power supply pins:
the analog 5V power supply (VDD) and the digital input/
output interface power supply (OVDD). The flexible OVDD
supply allows the LTC2314-14 to communicate with any
digital logic operating between 1.8V and 5V, including
2.5V and 3.3V systems.
Entering Nap/Sleep Mode
Pulsing CS two times and holding SCK static places the
LTC2314-14 into nap mode. Pulsing CS four times and
holding SCK static places the LTC2314-14 into sleep mode.
In sleep mode, all bias circuitry is shut down, including the
internal bandgap and reference buffer, and only leakage
currents remain (0.8µA typical). Because the reference
buffer is externally bypassed with a large capacitor (2.2µF),
the LTC2314-14 requires a significant wait time (1.1ms) to
recharge this capacitance before an accurate conversion
can be made. In contrast, nap mode does not power down
the internal bandgap or reference buffer allowing for a fast
wake-upandaccurateconversionwithinoneconversionclock
cycle. Supply current during nap mode is nominally 1.8mA.
Figure 8: LTC2314-14 Entering/Exiting Nap Mode
Figure 9: LTC2314-14 Entering/Exiting Sleep Mode
CS
SCK
Z
1
2
Z
SDO
HI-Z STATE
231414 F08
NAP MODE
HOLD STATIC HIGH or LOW
HOLD STATIC HIGH or LOW
START tACQ
0
0
CS
SCK
1
2
Z
Z
3
4
SDO
HI-Z STATE
231414 F09
NAP MODE
SLEEP MODE
HOLD STATIC HIGH or LOW
START tACQ
VREF RECOVERY
0
0
tWAIT
Exiting Nap/Sleep Mode
WakinguptheLTC2314-14fromeithernaporsleepmode,
as shown in Figures 8 and 9, requires SCK to be pulsed
one time. A conversion may be started immediately fol-
lowing nap mode as shown in Figure 8. A period of time
allowing the reference voltage to recover must follow
waking up from sleep mode as shown in Figure 9. The
wait period required before initiating a conversion for the
recommended value of CREF of 2.2µF is 1.1ms.
Power Supply Sequencing
The LTC2314-14 does not have any specific power sup-
ply sequencing requirements. Care should be taken to
observe the maximum voltage relationships described in
the Absolute Maximum Ratings section.
Single-Ended Analog Input Drive
The analog input of the LTC2314-14 is easy to drive. The
input draws only one small current spike while charging
the sample-and-hold capacitor at the end of conversion.
During the conversion, the analog input draws only a small
leakage current. If the source impedance of the driving
circuit is low, then the input of the LTC2314-14 can be
driven directly. As the source impedance increases, so
will the acquisition time. For minimum acquisition time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com