Electronic Components Datasheet Search
  English  ▼

X  

LTC2365 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2365
Description  14-Bit, 4.5Msps Serial Sampling ADC in TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2365 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2365 Datasheet HTML 12Page - Linear Technology LTC2365 Datasheet HTML 13Page - Linear Technology LTC2365 Datasheet HTML 14Page - Linear Technology LTC2365 Datasheet HTML 15Page - Linear Technology LTC2365 Datasheet HTML 16Page - Linear Technology LTC2365 Datasheet HTML 17Page - Linear Technology LTC2365 Datasheet HTML 18Page - Linear Technology LTC2365 Datasheet HTML 19Page - Linear Technology LTC2365 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC2314-14
16
231414f
For more information www.linear.com/2314-14
applicaTions inForMaTion
Intermodulation Distortion (IMD)
If the ADC input signal consists of more than one spectral
component, the ADC transfer function nonlinearity can pro-
duce intermodulation distortion (IMD) in addition to THD.
IMD is the change in one sinusoidal input caused by the
presenceofanothersinusoidalinputatadifferentfrequency.
If two pure sine waves of frequencies fa and fb are ap-
plied to the ADC input, nonlinearities in the ADC transfer
function can create distortion products at the sum and
difference frequencies m • fa ± n • fb, where m and n = 0,
1, 2, 3, etc. For example, the 2nd order IMD terms include
(fa±fb).Ifthetwoinputsinewavesareequalinmagnitude,
the value (in decibels) of the 2nd order IMD products can
be expressed by the following formula:
IMD(fa ± fb) = 20 • log[VA (fa ± fb)/VA (fa)]
The LTC2314-14 has excellent IMD as shown in Figure 15.
Spurious Free Dynamic Range (SFDR)
The spurious free dynamic range is the largest spectral
componentexcludingDC,theinputsignalandtheharmon-
ics included in the THD. This value is expressed in decibels
relative to the RMS value of a full-scale input signal.
Full-Power and Full-Linear Bandwidth
The full-power bandwidth is the input frequency at which
theamplitudeofthereconstructedfundamentalisreduced
by 3dB for a full-scale input signal.
The full-linear bandwidth is the input frequency at which
the SINAD has dropped to 74dB (12 effective bits). The
LTC2314-14 has been designed to optimize the input band-
width, allowing the ADC to under-sample input signals with
frequencies above the converter’s Nyquist frequency. The
noise floor stays very low at high frequencies and SINAD be-
comesdominatedbydistortionatfrequenciesbeyondNyquist.
Recommended Layout
To obtain the best performance from the LTC2314-14 a
printedcircuitboardisrequired.Layoutfortheprintedcircuit
board(PCB)shouldensurethedigitalandanalogsignallines
areseparatedasmuchaspossible. Inparticular,careshould
be taken not to run any digital clocks or signals alongside
Figure 13. 32k Point FFT of the LTC2314-14 at fIN = 500 kHz
Figure 14. LTC2314-14 ENOB/SINAD vs fIN
Figure 15. LTC2314-14 IMD Plot
231414 F13
FREQUENCY (kHz)
0
2250
1750 2000
750 1000
500
250
1250 1500
0
–20
–40
–60
–80
–100
–120
–160
–140
VDD = 5V
SNR = 77.5dBFS
SINAD = 76.9dBFS
THD = 84.9dB
SFDR = 88.1dB
INPUT FREQUENCY (kHz)
0
71
74
73
72
75
76
77
78
11.50
11.67
11.83
12.00
12.17
12.33
12.50
250 500 750 1000 1250 1500 1750 2000 2250
231414 F14
VDD = 5V
VDD = 3V
INPUT FREQUENCY (kHz)
0
–160
–120
–140
–80
–100
–60
–40
0
–20
500
1000
1500
2000
2500
231414 F15
VDD = 5V
fS = 4.5Msps
fa = 471.421kHz
fb = 531.421kHz
IMD2 (fb + fa) = –79.4dBc
IMD3 (2fb –fa) = –90.8dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com