Electronic Components Datasheet Search
  English  ▼

X  

LTC2365 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC2365
Description  14-Bit, 4.5Msps Serial Sampling ADC in TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2365 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC2365 Datasheet HTML 11Page - Linear Technology LTC2365 Datasheet HTML 12Page - Linear Technology LTC2365 Datasheet HTML 13Page - Linear Technology LTC2365 Datasheet HTML 14Page - Linear Technology LTC2365 Datasheet HTML 15Page - Linear Technology LTC2365 Datasheet HTML 16Page - Linear Technology LTC2365 Datasheet HTML 17Page - Linear Technology LTC2365 Datasheet HTML 18Page - Linear Technology LTC2365 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LTC2314-14
15
231414f
For more information www.linear.com/2314-14
applicaTions inForMaTion
Signal-to-Noise and Distortion Ratio (SINAD)
Thesignal-to-noiseanddistortionratio(SINAD)istheratiobe-
tweentheRMSamplitudeofthefundamentalinputfrequency
and the RMS amplitude of all other frequency components
at the A/D output. The output is band-limited to frequencies
fromaboveDCandbelowhalfthesamplingfrequency.Figure
14 shows the LTC2314-14 maintains a SINAD above 74dB
up to the Nyquist input frequency of 2.25MHz.
Effective Number of Bits (ENOB)
The effective number of bits (ENOB) is a measurement of
the resolution of an ADC and is directly related to SINAD
by the equation where ENOB is the effective number of
bits of resolution and SINAD is expressed in dB:
ENOB = (SINAD – 1.76)/6.02
At the maximum sampling rate of 5MHz, the LTC2314-14
maintains an ENOB above 12 bits up to the Nyquist input
frequency of 2.25MHz. (Figure 14)
Signal-to-Noise Ratio (SNR)
The signal-to-noise ratio (SNR) is the ratio between the
RMS amplitude of the fundamental input frequency and
the RMS amplitude of all other frequency components
except the first five harmonics and DC. Figure 13 shows
that the LTC2314-14 achieves a typical SNR of 77.5dB at
a 4.5MHz sampling rate with a 500kHz input frequency.
Total Harmonic Distortion (THD)
TotalHarmonicDistortion(THD)istheratiooftheRMSsum
ofallharmonicsoftheinputsignaltothefundamentalitself.
The out-of-band harmonics alias into the frequency band
between DC and half the sampling frequency (fSMPL/2).
THD is expressed as:
THD
=20log
V22
+V32 +V42 +VN2
V1
where V1 is the RMS amplitude of the fundamental fre-
quencyandV2throughVNaretheamplitudesofthesecond
through Nth harmonics. THD versus Input Frequency is
shown in the Typical Performance Characteristics section.
The LTC2314-14 has excellent distortion performance up
to the Nyquist frequency.
Figure 11. LTC2314-14 Transfer Function
INPUT VOLTAGE (V)
231414 F11
111...111
111...110
000...000
000...001
FS – 1LSB
0 1LSB
been digitized 16,384 times. The distribution is Gaussian
and the RMS code transition noise is 0.7LSB. This cor-
responds to a noise level of 77.5dB relative to a full scale
voltage of 4.096V.
Figure 12. Histogram for 16384 Conversions
231414 F12
CODE
8194
8196 8197
8195
8198 8199 8200
σ = 0.7
0
2000
1000
3000
4000
5000
7000
6000
Dynamic Performance
The LTC2314-14 has excellent high speed sampling
capability. Fast Fourier Transform (FFT) techniques are
used to test the ADC’s frequency response, distortion and
noise at the rated throughput. By applying a low distortion
sine wave and analyzing the digital output using an FFT
algorithm, the ADC’s spectral content can be examined
for frequencies outside the applied fundamental. The
LTC2314-14 provides guaranteed tested limits for both
AC distortion and noise measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com