Electronic Components Datasheet Search
  English  ▼

X  

LT6201 Datasheet(PDF) 12 Page - Linear Technology

Part # LT6201
Description  12-Bit, 5Msps Serial Sampling ADC in TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6201 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT6201 Datasheet HTML 8Page - Linear Technology LT6201 Datasheet HTML 9Page - Linear Technology LT6201 Datasheet HTML 10Page - Linear Technology LT6201 Datasheet HTML 11Page - Linear Technology LT6201 Datasheet HTML 12Page - Linear Technology LT6201 Datasheet HTML 13Page - Linear Technology LT6201 Datasheet HTML 14Page - Linear Technology LT6201 Datasheet HTML 15Page - Linear Technology LT6201 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTC2315-12
12
231512f
For more information www.linear.com/2315-12
Figure 8: LTC2315-12 Entering/Exiting Nap Mode
Figure 9: LTC2315-12 Entering/Exiting Sleep Mode
CS
SCK
Z
1
2
Z
SDO
HI-Z STATE
231512 F08
NAP MODE
HOLD STATIC HIGH or LOW
HOLD STATIC HIGH or LOW
START tACQ
0
0
CS
SCK
1
2
Z
Z
3
4
SDO
HI-Z STATE
231512 F09
NAP MODE
SLEEP MODE
HOLD STATIC HIGH or LOW
START tACQ
VREF RECOVERY
0
0
tWAIT
applicaTions inForMaTion
Entering Nap/Sleep Mode
Pulsing CS two times and holding SCK static places the
LTC2315-12 into nap mode. Pulsing CS four times and
holding SCK static places the LTC2315-12 into sleep
mode. In sleep mode, all bias circuitry is shut down,
including the internal bandgap and reference buffer, and
only leakage currents remain (0.8µA typical). Because
the reference buffer is externally bypassed with a large
capacitor (2.2µF), the LTC2315-12 requires a significant
wait time (1.1ms) to recharge this capacitance before an
accurate conversion can be made. In contrast, nap mode
does not power down the internal bandgap or reference
buffer allowing for a fast wake-up and accurate conversion
within one conversion clock cycle. Supply current during
nap mode is nominally 1.8mA.
Exiting Nap/Sleep Mode
WakinguptheLTC2315-12fromeithernaporsleepmode,
as shown in Figures 8 and 9, requires SCK to be pulsed
one time. A conversion may be started immediately fol-
lowing nap mode as shown in Figure 8. A period of time
allowing the reference voltage to recover must follow
waking up from sleep mode as shown in Figure 9. The
wait period required before initiating a conversion for the
recommended value of CREF of 2.2µF is 1.1ms.
Power Supply Sequencing
The LTC2315-12 does not have any specific power sup-
ply sequencing requirements. Care should be taken to
observe the maximum voltage relationships described in
the Absolute Maximum Ratings section.
Single-Ended Analog Input Drive
The analog input of the LTC2315-12 is easy to drive. The
input draws only one small current spike while charging
the sample-and-hold capacitor at the end of conversion.
During the conversion, the analog input draws only a small
leakage current. If the source impedance of the driving
circuit is low, then the input of the LTC2315-12 can be
driven directly. As the source impedance increases, so
will the acquisition time. For minimum acquisition time
with high source impedance, a buffer amplifier should be
used. The main requirement is that the amplifier driving
the analog input must settle after the small current spike
beforethenextconversionstarts.Settlingtimemustbeless
than tACQ-MIN (40ns) for full performance at the maximum
throughput rate. While choosing an input amplifier, also
keep in mind the amount of noise and harmonic distortion
the amplifier contributes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com