Electronic Components Datasheet Search
  English  ▼

X  

LTC6993 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC6993
Description  TimerBlox: Long Timer, Low Frequency Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6993 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC6993 Datasheet HTML 12Page - Linear Technology LTC6993 Datasheet HTML 13Page - Linear Technology LTC6993 Datasheet HTML 14Page - Linear Technology LTC6993 Datasheet HTML 15Page - Linear Technology LTC6993 Datasheet HTML 16Page - Linear Technology LTC6993 Datasheet HTML 17Page - Linear Technology LTC6993 Datasheet HTML 18Page - Linear Technology LTC6993 Datasheet HTML 19Page - Linear Technology LTC6993 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LTC6995-1/LTC6995-2
16
699512f
For more information www.linear.com/6995
applicaTions inForMaTion
For shorter power on reset times (1ms to 73ms) the timer
startup delay becomes a significant part of the total POR
time. To take this delay into account the value for RSET can
be modified from the values shown in Table 2. For a POR
time in the range from 1ms to 16ms (DIVCODE = 0), RSET
should be tPOR(ms) • 49.5. For a POR time in the range
from 4.5ms to 73ms (DIVCODE = 1), RSET is tPOR(ms) •
10.9. For longer POR times (DIVCODE 2 through 7) the
startup time is insignificant. After power on, the delay fol-
lowingaresetconditionwillbeinthesamerangeasshown
for tDELAY in Table 2 for these two DIVCODE selections.
For short POR times, a more precise estimation of the
startup time can be found from the following:
tSTART(µs) = 256 + 16 •(12 –DIVCODE)
(
)RSET(kΩ)
50
+80
Supply bounce resets the internal timer so the POR circuit
automatically debounces supply noise. POR timing starts
fromthetimethattheV+supplyhasreachedapproximately
1.4 volts.
Long Timer One Shots and Delay Generators
The POR circuit of Figure 12 is also useful when the reset
inputsaredriven.Thiscreatesedgetriggeredtimingevents
that are active low and can either be re-triggered or can
stop after one programmed interval. The programmed
time interval can range from only 500µs to over 4 hours
with just resistor value changes.
The circuits in Figure 13 show how a POR or active low
intervalcanbere-startedtoprovideafullsystemresettime.
The Figure 14 circuit requires an indication from the
system being reset that it is ready before timing out. The
LTC6995-2 can accommodate an active high OK signal.
By forcing a reset condition at power on the LTC6995 can
be used to create a long time delayed rising edge triggered
by either a falling edge signal (LTC6995-1) or a rising edge
signal (LTC6995-2) as show in Figure 15.
Figure 13. System Resets On Command with Full POR Time Interval. Reset Pulse Is Debounced Automatically
LTC6995-1
ACTIVE HIGH RESET
RST
GND
SET
OUT
V+
DIV
RSET
100k
R2
R1
0.1µF
V+
V+
POR
OUT
POL = 0
RST
tSTART +
1/2 tOUT
1/2 tOUT
TIMER
STOPPED
TIMER
STOPPED
RESET
POR
POR
V+
LTC6995-2
ACTIVE LOW RESET
RST
GND
SET
OUT
V+
DIV
RSET
100k
R2
R1
0.1µF
V+
V+
POR
OUT
POL = 0
RST
699512 F13
tSTART +
1/2 tOUT
1/2 tOUT
TIMER
STOPPED
TIMER
STOPPED
RESET
POR
POR
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com