Electronic Components Datasheet Search
  English  ▼

X  

LTC6993 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC6993
Description  TimerBlox: Long Timer, Low Frequency Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6993 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC6993 Datasheet HTML 20Page - Linear Technology LTC6993 Datasheet HTML 21Page - Linear Technology LTC6993 Datasheet HTML 22Page - Linear Technology LTC6993 Datasheet HTML 23Page - Linear Technology LTC6993 Datasheet HTML 24Page - Linear Technology LTC6993 Datasheet HTML 25Page - Linear Technology LTC6993 Datasheet HTML 26Page - Linear Technology LTC6993 Datasheet HTML 27Page - Linear Technology LTC6993 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
LTC6995-1/LTC6995-2
25
699512f
For more information www.linear.com/6995
Typical applicaTions
Interval (Wiper) Timer
LTC6995-1
0.1µF
2s
2s
5s
5s
15s
30s
1m
2m
4m
4m
OFF
24.9k
178k
59k
90.9k
29.4k
1M
V+
RST
GND
SET
OUT
V+
DIV
LTC6993-1
0.1µF
OUTPUT
1M
tINTERVAL
2 SECONDS TO
4 MINUTES
V+
2s
TRIG
GND
SET
OUT
V+
DIV
681k
699512 TA06
383k
2s
2s
5s
15s
30s
5V
1m
2m
4m OFF
V+
15s
30s
1m
2m
OFF
280k
113k
133k
154k
Adjustable Time Lapse Photography Intervalometer
LTC6993-3
OUTPUT
NON-RETRIGGERABLE
ONE SHOT TIMER
0.3s TO 30s
EXPOSURE TIME
TIME LAPSE
TIME LAPSE
SHUTTER
OPEN
TIME LAPSE
TRG
GND
SET
OUT
V+
DIV
56.2k
1M
681k
V+
699512 TA09
LTC6995-1
LONG TIMER
3s TO 3Hrs
RST
GND
SET
OUT
V+
DIV
V+
0.1µF
887k
1M
0.3s TO
3s
3s TO
30s
523k
681k
967k
30s TO
3m
3m TO
30m
30m TO
3Hrs
3s TO
30s
2M
1M
LONG
SHORT
66.5k
1M
2M
LONG
SHORT
392k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com