Electronic Components Datasheet Search
  English  ▼

X  

LTC6993 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC6993
Description  TimerBlox: Long Timer, Low Frequency Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6993 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC6993 Datasheet HTML 13Page - Linear Technology LTC6993 Datasheet HTML 14Page - Linear Technology LTC6993 Datasheet HTML 15Page - Linear Technology LTC6993 Datasheet HTML 16Page - Linear Technology LTC6993 Datasheet HTML 17Page - Linear Technology LTC6993 Datasheet HTML 18Page - Linear Technology LTC6993 Datasheet HTML 19Page - Linear Technology LTC6993 Datasheet HTML 20Page - Linear Technology LTC6993 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LTC6995-1/LTC6995-2
17
699512f
For more information www.linear.com/6995
applicaTions inForMaTion
Figure 14. Extended POR. Timer Reset During Initial POR Interval. Full POR Interval Provided Once System Signals the OK
Figure 15. Long Time Delayed Rising Edge. Delay Time Can Range from 500µs to 4.8 Hours
LTC6995-1
SYSTEM
RST
GND
SET
OUT
V+
DIV
RSET
R2
R1
0.1µF
V+
POR
699512 F14
OUT
POL = 0
RST
tSTART +
1/2 tOUT
1/2 tOUT
TIMER
STOPPED
SYSTEM OK
SYSTEM OK
POR
POR EXTENDED
POR
V+
LTC6995-2
OUTPUT
RISING EDGE TRIGGERED
POL = 0
TRIGGER
RST
GND
SET
OUT
V+
DIV
RSET
R2
R1
0.1µF
V+
699512 F15
OUTPUT
TRIGGER
1/2 tOUT
1/2 tOUT
V+
1/2 tOUT
1/2 tOUT
LTC6995-1
OUTPUT
FALLING EDGE TRIGGERED
POL = 0
TRIGGER
RST
GND
SET
OUT
V+
DIV
RSET
R2
R1
0.1µF
V+
OUTPUT
TRIGGER
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com