Electronic Components Datasheet Search
  English  ▼

X  

LTC2209 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2209
Description  50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2209 Datasheet(HTML) 1 Page - Linear Technology

  LTC2209 Datasheet HTML 1Page - Linear Technology LTC2209 Datasheet HTML 2Page - Linear Technology LTC2209 Datasheet HTML 3Page - Linear Technology LTC2209 Datasheet HTML 4Page - Linear Technology LTC2209 Datasheet HTML 5Page - Linear Technology LTC2209 Datasheet HTML 6Page - Linear Technology LTC2209 Datasheet HTML 7Page - Linear Technology LTC2209 Datasheet HTML 8Page - Linear Technology LTC2209 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC6431-15
1
643115f
Typical applicaTion
FeaTures
DescripTion
50
Ω Gain Block
IF Amplifier
The LTC®6431-15 is a gain-block amplifier with excellent
linearity at frequencies beyond 1000MHz and with low
associated output noise.
The unique combination of high linearity, low noise and
low power dissipation make this an ideal candidate for
many signal-chain applications. The LTC6431-15 is easy
to use, requiring a minimum of external components. It is
internally input/output matched to 50Ω and it draws only
90mA from a single 5V supply.
On-chip bias and temperature compensation maintain
performance over environmental changes.
The LTC6431-15 uses a high performance SiGe BiCMOS
process for excellent repeatability compared with similar
GaAsamplifiers.AllA-gradeLTC6431-15devicesaretested
and guaranteed for OIP3 at 240MHz. The LTC6431-15 is
housed in a 4mm × 4mm 24-lead QFN package with an
exposedpadforthermalmanagementandlowinductance.
Single-Ended IF Amplifier
OIP3 vs Frequency
applicaTions
n
20MHz to 1700MHz Bandwidth
n
15.5dB Power Gain
n
47dBm OIP3 at 240MHz into a 50Ω Load
n
NF = 3.33dB at 240MHz
n
1nV/√Hz Total Input Noise
n
S11 < –15dB Up to 1.2GHz
n
S22 < –15dB Up to 1.2GHz
n
>2VP-P Linear Output Swing
n
P1dB = 20.6dBm
n
DC Power = 450mW
n
50Ω Single-Ended Operation
n
Insensitive to VCC Variation
n
A-Grade 100% OIP3 Tested at 240MHz
n
Input/Output Internally Matched to 50Ω
n
Single 5V Supply
n
Unconditionally Stable
n
Single-Ended IF Amplifier
n
ADC Driver
n
CATV
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
643115 TA01a
LTC6431-15
RSOURCE
50
VCC = 5V
1000pF
1000pF
5V
RF
CHOKE,
560nH
RLOAD
50
FREQUENCY (MHz)
0
44
46
48
42
40
400
800
200
600
1000
38
36
50
643115 TA01b
VCC = 5V, T = 25°C
POUT = 2dBm/TONE
fSPACE = 1MHz
ZIN = ZOUT = 50


Similar Part No. - LTC2209

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2209 LINER-LTC2209 Datasheet
1Mb / 32P
16-Bit, 160Msps ADC
LTC2209 LINER-LTC2209 Datasheet
439Kb / 24P
10GHz GBW, 1.1nV/Hz Differential Amplifier/ADC Driver
LTC2209 LINER-LTC2209 Datasheet
1Mb / 32P
1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
LTC2209 LINER-LTC2209 Datasheet
1Mb / 36P
Low Phase Noise, Dual Output Buffer/Driver/Logic Converter
LTC2209 LINER-LTC2209 Datasheet
1Mb / 28P
High Linearity Differential RF/IF Amplifier/ADC Driver
More results

Similar Description - LTC2209

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2057 MAXIM-MAX2057 Datasheet
814Kb / 12P
1700MHz to 2500MHz Variable-Gain Amplifier with Analog Gain Control
Rev 0; 1/05
logo
Analog Devices
ADL5542 AD-ADL5542 Datasheet
265Kb / 12P
50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5541 AD-ADL5541 Datasheet
285Kb / 12P
50 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
ADL5541 AD-ADL5541_15 Datasheet
257Kb / 12P
50 MHz to 6 GHz RF/IF Gain Block
REV. A
logo
Linear Technology
LTC6431-15 LINER-LTC6431-15_15 Datasheet
635Kb / 16P
Gain Block IF Amplifier
LTC6431-20 LINER-LTC6431-20_15 Datasheet
424Kb / 16P
20dB Gain Block, 50 IF Amplifier
logo
RF Micro Devices
RFDA2077 RFMD-RFDA2077 Datasheet
1Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1700MHz to 2400MHz
logo
Linear Technology
LTC6431-20 LINER-LTC6431-20 Datasheet
225Kb / 8P
50廓 20dB Gain Block IF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com