Electronic Components Datasheet Search
  English  ▼

X  

LTC2209 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2209
Description  50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2209 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2209 Datasheet HTML 8Page - Linear Technology LTC2209 Datasheet HTML 9Page - Linear Technology LTC2209 Datasheet HTML 10Page - Linear Technology LTC2209 Datasheet HTML 11Page - Linear Technology LTC2209 Datasheet HTML 12Page - Linear Technology LTC2209 Datasheet HTML 13Page - Linear Technology LTC2209 Datasheet HTML 14Page - Linear Technology LTC2209 Datasheet HTML 15Page - Linear Technology LTC2209 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC6431-15
13
643115f
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
1. ALL RESISTORS ARE IN OHMS, 0402.
ALL CAPACITORS ARE 0402.
NOTE: UNLESS OTHERWISE SPECIFIED
CAL IN
CAL OUT
GND
+5V
OPTIONAL CIRCUIT
100-1200 MHz
FREQ.
ASSY
U1
T3, T4
*
R13,R14,R17,R18
R3, R4
J8
OPT
OPT
OPT
1008
+IN
+OUT
J10
-C
LTC6431IUF-15
OPT
0 OHM
OPT
STUFF
OPT
JOHN C.
PRODUCTION
2
08-18-11
__
REVISION HISTORY
DESCRIPTION
DATE
APPROVED
ECO REV
1
Monday, June 25, 2012
11
IF AMP/ADC DRIVER
KIM T.
JOHN C.
N/A
LTC643XIUF FAMILY
DEMO CIRCUIT 1774A
SIZE
DATE:
IC NO.
REV.
SHEET
OF
TITLE:
APPROVALS
PCB DES.
APPENG.
TECHNOLOGY Fax: (408)434-0507
Milpitas, CA 95035
Phone: (408)432-1900
1630 McCarthy Blvd.
LTC Confidential-For Customer Use Only
CUSTOMER NOTICE
LINEAR TECHNOLOGY HAS MADE A BEST EFFORT TO DESIGN A
CIRCUIT THAT MEETS CUSTOMER-SUPPLIED SPECIFICATIONS;
HOWEVER, IT REMAINS THE CUSTOMER'S RESPONSIBILITYTO
VERIFY PROPER AND RELIABLE OPERATION IN THE ACTUAL
APPLICATION. COMPONENT SUBSTITUTION AND PRINTED
CIRCUIT BOARD LAYOUT MAY SIGNIFICANTLY AFFECT CIRCUIT
PERFORMANCE OR RELIABILITY. CONTACT LINEAR
TECHNOLOGY APPLICATIONS ENGINEERING FOR ASSISTANCE.
THIS CIRCUIT IS PROPRIETARY TO LINEAR TECHNOLOGY AND
SCHEMATIC
SUPPLIED FOR USE WITH LINEAR TECHNOLOGY PARTS.
SCALE = NONE
www.linear.com
VCC
VCC
VCC
VCC
J7
SMA-R
R5
348
C11
1000pF
L1
560nH
C13
1000pF
C18
1000pF
JP2
HD2X4-100
L11
OPT
JP3
HD2X4-100
C21
1000pF
J11
+5V
C19
1000pF
R2
348
E6
C16
1000pF
J5
SMA-R
T1
SEE BOM
6
4
1
5
3
C8
62pF
C22
0.1uF
C17
1000pF
J6
SMA-R
C10
62pF
C12
62pF
E3
JP1
HD2X6-100
12
34
56
78
9 10
11 12
T2
SEE BOM
6
4
1
5
3
U1
*
2
14
1
4
6
17
18
16
5
15
13
3
DNC
GND
DNC
DNC
DNC
GND
+OUT
T_DIODE
DNC
DNC
DNC
DNC
C1
1000pF
J18
GND
R6
348
J10
SMA-R
*
C7
1000pF
C20
1000pF
C3
1000pF
applicaTions inForMaTion
Figure 2. DC1774A-C Demo Board Schematic
Figure 3. Demo Board
643115 F03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com