Electronic Components Datasheet Search
  English  ▼

X  

LTC2209 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2209
Description  50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2209 Datasheet(HTML) 5 Page - Linear Technology

  LTC2209 Datasheet HTML 1Page - Linear Technology LTC2209 Datasheet HTML 2Page - Linear Technology LTC2209 Datasheet HTML 3Page - Linear Technology LTC2209 Datasheet HTML 4Page - Linear Technology LTC2209 Datasheet HTML 5Page - Linear Technology LTC2209 Datasheet HTML 6Page - Linear Technology LTC2209 Datasheet HTML 7Page - Linear Technology LTC2209 Datasheet HTML 8Page - Linear Technology LTC2209 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC6431-15
5
643115f
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Frequency = 700MHz
S21
Power Gain
De-Embedded to Package
15.2
dB
OIP3
Output Third-Order Intercept Point
POUT = 2dBm/Tone, Δf = 1MHz
A-Grade
B-Grade
40.0
39.0
dBm
dBm
IM3
Third-Order Intermodulation
POUT = 2dBm/Tone, Δf = 1MHz
A-Grade
B-Grade
–76.0
–74.0
dBc
dBc
HD2
Second Harmonic Distortion
POUT = 6dBm
–51.9
dBc
HD3
Third Harmonic Distortion
POUT = 6dBm
–69.0
dBc
P1dB
Output 1dB Compression Point
20.3
dBm
NF
Noise Figure
De-Embedded to Package
3.75
dB
Frequency = 800MHz
S21
Power Gain
De-Embedded to Package
15.2
dB
OIP3
Output Third-Order Intercept Point
POUT = 2dBm/Tone, Δf = 1MHz
A-Grade
B-Grade
39.0
38.0
dBm
dBm
IM3
Third-Order Intermodulation
POUT = 2dBm/Tone, Δf = 1MHz
A-Grade
B-Grade
–74
–72
dBc
dBc
HD2
Second Harmonic Distortion
POUT = 6dBm
–49.2
dBc
HD3
Third Harmonic Distortion
POUT = 6dBm
–65.0
dBc
P1dB
Output 1dB Compression Point
20.1
dBm
NF
Noise Figure
De-Embedded to Package
3.83
dB
Frequency = 900MHz
S21
Power Gain
De-Embedded to Package
15.1
dB
OIP3
Output Third-Order Intercept Point
POUT = 2dBm/Tone, Δf = 1MHz
A-Grade
B-Grade
38.5
37.5
dBm
dBm
IM3
Third-Order Intermodulation
POUT = 2dBm/Tone, Δf = 1MHz
A-Grade
B-Grade
–73.0
–71.0
dBc
dBc
HD2
Second Harmonic Distortion
POUT = 6dBm
–46.7
dBc
HD3
Third Harmonic Distortion
POUT = 6dBm
–63.0
dBc
P1dB
Output 1dB Compression Point
19.9
dBm
NF
Noise Figure
De-Embedded to Package
3.90
dB
Frequency = 1000MHz
S21
Power Gain
De-Embedded to Package
15.0
dB
OIP3
Output Third-Order Intercept Point
POUT = 2dBm/Tone, Δf = 1MHz
A-Grade
B-Grade
38.0
37.0
dBm
dBm
IM3
Third-Order Intermodulation
POUT = 2dBm/Tone, Δf = 1MHz
A-Grade
B-Grade
–72.0
–70.0
dBc
dBc
HD2
Second Harmonic Distortion
POUT = 6dBm
–45.0
dBc
HD3
Third Harmonic Distortion
POUT = 6dBm
–59.0
dBc
P1dB
Output 1dB Compression Point
19.5
dBm
NF
Noise Figure
De-Embedded to Package
3.99
dB
ac elecTrical characTerisTics T
A = 25°C (Note 3), VCC = 5V, ZSOURCE = ZLOAD = 50Ω, unless otherwise
noted. Measurements are performed using Test Circuit A, measuring from 50Ω SMA to 50Ω SMA without de-embedding (Note 4).
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to any Absolute Maximum
Rating condition for extended periods may affect device reliability and lifetime.
Note 2: Guaranteed by design and characterization. This parameter is not tested.
Note 3: The LTC6431-15 is guaranteed functional over the case operating
temperature range of –40°C to 85°C.
Note 4: Small-signal parameters S and noise are de-embedded to the package
pins, while large-signal parameters are measured directly from the circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com