Electronic Components Datasheet Search
  English  ▼

X  

XSERIES Datasheet(PDF) 21 Page - Power-One

Part # XSERIES
Description  375, 500 Watt AC-DC and DC-DC DIN-Rail Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

XSERIES Datasheet(HTML) 21 Page - Power-One

Back Button XSERIES Datasheet HTML 14Page - Power-One XSERIES Datasheet HTML 15Page - Power-One XSERIES Datasheet HTML 16Page - Power-One XSERIES Datasheet HTML 17Page - Power-One XSERIES Datasheet HTML 18Page - Power-One XSERIES Datasheet HTML 19Page - Power-One XSERIES Datasheet HTML 20Page - Power-One XSERIES Datasheet HTML 21Page - Power-One XSERIES Datasheet HTML 22Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
BCD20021-G REV AB, 19-Jan-09
Page 21 of 22
www.power-one.com
®
X Series Data Sheet
375, 500 Watt AC-DC and DC-DC DIN-Rail Converters
Fig. 30
Connection of a temperature sensor
Fig. 29
Temperature sensor
Battery Temperature Sensor
To charge lead-acid batteries according to their temperature
different types of temperature sensors are available, (see
Battery Charging and Temperature Sensor in this data sheet
and the Temperature Sensor data sheet at www.power-
one.com).
For additional information go to www.power-one.com.
European
Projection
NUCLEAR AND MEDICAL APPLICATIONS - Power-One products are not designed, intended for use in, or authorized for use as critical components
in life support systems, equipment used in hazardous environments, or nuclear control systems without the express written consent of the
respective divisional president of Power-One, Inc.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.
56 (2.2")
L
L = 2 m (standard length)
other cable lengths on request
adhesive tape
26 (1.02")
09125a
Table 19: Sensors for converters with standard R input
Battery
Sensor
Cell
Cell temp.
Cable
voltage
type
voltage
coefficient
length
nom.[V]
[V]
[mV/K]
[m]
12
S-KSMH12-2.27-30-2
2.27
– 3.0
2
24
S-KSMH24-2.27-30-2
2.27
– 3.0
2
24
S-KSMH24-2.27-35-2
2.27
– 3.5
2
24
S-KSMH24-2.31-35-0
2.31
– 3.5
4.5
24
S-KSMH24-2.35-35-2
2.35
– 3.5
2
48
S-KSMH48-2.27-30-2
2.27
– 3.0
2
48
S-KSMH48-2-27-35-2
2.27
– 3.5
2
+
–
Battery
R
GND
Temperature
sensor
+
–
05191a
green
brown
white
D-SUB
Fuse
Load
Vo+
Vo–
2
3
1
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com