Electronic Components Datasheet Search
  English  ▼

X  

XSERIES Datasheet(PDF) 2 Page - Power-One

Part # XSERIES
Description  375, 500 Watt AC-DC and DC-DC DIN-Rail Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

XSERIES Datasheet(HTML) 2 Page - Power-One

  XSERIES Datasheet HTML 1Page - Power-One XSERIES Datasheet HTML 2Page - Power-One XSERIES Datasheet HTML 3Page - Power-One XSERIES Datasheet HTML 4Page - Power-One XSERIES Datasheet HTML 5Page - Power-One XSERIES Datasheet HTML 6Page - Power-One XSERIES Datasheet HTML 7Page - Power-One XSERIES Datasheet HTML 8Page - Power-One XSERIES Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
BCD20021-G REV AB, 19-Jan-09
Page 2 of 22
www.power-one.com
®
X Series Data Sheet
375, 500 Watt AC-DC and DC-DC DIN-Rail Converters
The thermal concept allows operation at full load up to an
ambient temperature of 60 °C in free air without forced cooling.
A rugged DIN snap-fit device allows easy and reliable fixing
onto the various 35 mm DIN-rail models. The converters are
fitted with cage clamp terminals easily accessible from the
Model Selection
Table 1: Standard models
Output 1
Output 2
Output Power
Operating Input
Type
Effic.
Options 3, 5
Vo1 nom1
Io1 nom
Vo2 nom1
I o2 nom
Po nom
Voltage
Designation
ηηηηηmin7
[VDC]
[A]
[VDC]
[A]
[W]
Vi min - Vi max
[%]
24.7
15
-
-
371
85 2 – 264 VAC,
LXR1601-6
87
R
24.7
20
-
-
494
47 – 63 Hz 4,
LXN1601-6
87
D1, D2, D5
37
10
-
-
370
90 2 – 350 VDC 6
LXR1701-6 3
88
M1, M2
37
13.4
-
-
496
LXN1701-6 3
88
F, K2
49.4
7.5
-
-
371
LXR1801-6
88
G
49.4
10
-
-
494
LXN1801-6
88
24.7
10
24.7
10
494
LXN2660-6
87
37
6.7
37
6.7
496
LXN2770-6 3
88
49.4
5
49.4
5
494
LXN2880-6
88
1
R-input not connected.
2
For derating at low input voltage see section Output Power Derating.
3
For minimum quantity and lead times contact Power-One.
4
The converters have been tested up to 440 Hz; for operating frequencies <47 Hz or >63 Hz contact Power-One.
5
On double-output models the options R, M2, D1, D2, D5 are related to the second output only.
6
Vi
≤ 250 VDC for models with option F
7
Min. efficiency at Vi nom, Io nom, and TA = 25 °C. Typical values are approx. 2% better.
front. System connectors with screw terminals for use with pre-
assembled harnesses, external adjustment of the output
voltage, as well as various auxiliary functions are available as
options.
Table 2: Battery charger models (M1 included)
Output Voltage
Nominal Output Values
Operating Input
Type Designation
Effic.
Options 3
VBat
Vo safe1
Vo max
Vo nom 5
Io nom 5
Po nom 5
Voltage
ηηηηηmin 7
[VDC]
[VDC]
[VDC]
[VDC]
[A]
[W]
Vi min - Vi max
[%]
24
25.681
29.3
27.3
12.6
344
85 2 – 264 VAC,
LXR1240-6M1
87
F, K2,
16.8
458
47 – 63 Hz 4,
LXN1240-6M1
87
G
36
38.521
43.95
40.88
8.4
343
90 2 – 350 VDC 6
LXR1840-6M13
87
11.2
458
LXN1840-6M13
87
48
51.361
58.6
54.5
6.3
343
LXR1740-6M1
87
8.4
458
LXN1740-6M1
87
1
Setting voltage (typ.) with open R-input
2
For derating at low input voltage see section Output Power Derating.
3
For minimum quantity and lead times consult Power-One.
4
The converters have been tested up to 440 Hz; for operating frequency <47 Hz or >63 Hz contact Power-One.
5
Nominal output figures, calculated with a cell voltage of 2.27 V at 20 °C.
6
Vi
≤ 250 VDC for models with option F.
7
Min. efficiency at Vi nom, Vo nom, Io nom, and TA = 25 °C. Typical values are approx. 2% better.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com