Electronic Components Datasheet Search
  English  ▼

X  

XSERIES Datasheet(PDF) 13 Page - Power-One

Part # XSERIES
Description  375, 500 Watt AC-DC and DC-DC DIN-Rail Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

XSERIES Datasheet(HTML) 13 Page - Power-One

Back Button XSERIES Datasheet HTML 9Page - Power-One XSERIES Datasheet HTML 10Page - Power-One XSERIES Datasheet HTML 11Page - Power-One XSERIES Datasheet HTML 12Page - Power-One XSERIES Datasheet HTML 13Page - Power-One XSERIES Datasheet HTML 14Page - Power-One XSERIES Datasheet HTML 15Page - Power-One XSERIES Datasheet HTML 16Page - Power-One XSERIES Datasheet HTML 17Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
BCD20021-G REV AB, 19-Jan-09
Page 13 of 22
www.power-one.com
®
X Series Data Sheet
375, 500 Watt AC-DC and DC-DC DIN-Rail Converters
Immunity to Environmental Conditions
Table 9: Mechanical stress and climatic
Test method
Standard
Test conditions
Status
Cab Damp heat
IEC/EN 60068-2-78
Temperature:
40 ±2 °C
Converter
steady state
MIL-STD-810D sect. 507.2
Relative humidity:
93 +2/-3 %
not
Duration:
56 days
operating
Kb
Salt mist, cyclic
IEC/EN 60068-2-52
Concentration:
5% (30 °C)
Converter
(sodium chloride
Duration:
2 h per cycle
not
NaCl solution)
Conditions:
40 °C, 93% rel. humidity
operating
Storage duration:
3 cycles of 22 h
E b
Bump
IEC/EN 60068-2-29
Acceleration amplitude:
25 gn = 245 m/s2
Converter
(half-sinusoidal)
MIL-STD-810D sect. 516.3
Bump duration:
11 ms
not operating ,
6000 bumps:
1000 in each direction
wall-mounted1
Acceleration amplitude:
10 gn = 98.1 m/s2
Converter
Bump duration:
11 ms
not operating ,
6000 bumps:
1000 in each direction
on DIN-rail 2
Fc
Vibration
IEC/EN 60068-2-6
Acceleration amplitude and
0.35 mm (10 – 60 Hz)
Converter
(sinusoidal)
MIL-STD-810D sect. 514.3
frequency (1 Octave/min):
5 gn = 49 m/s2 (60 – 2000 Hz)
operating,
Test duration:
7.5 h (2.5 h each axis)
wall-mounted1
Acceleration amplitude and
0.25 mm (10 – 60 Hz)
Converter
frequency (1 Octave/min):
2 gn = 19 m/s2 (60 – 2000 Hz)
operating,
Test duration:
7.5 h (2.5 h each axis)
on DIN-rail 2
E a
Shock
IEC /EN 60068-2-27
Acceleration amplitude:
50 gn = 490 m/s2
Converter
(half-sinusoidal)
MIL-STD-810D sect. 516.3
Bump duration:
11 ms
not operating ,
Number of bumps:
18 (3 in each direction)
wall-mounted1
Fda Random vibration
IEC/EN 60068-2-35
Acceleration spectral density: 0.05 gn2/Hz
Converter
wide band
Frequency band:
20 – 500 Hz
operating,
Reproducibility
Acceleration magnitude:
4.9 gn rms
wall-mounted1
high
Test duration:
3 h (1 h each axis)
Acceleration spectral density: 0.01 gn2/Hz
Converter
Frequency band:
20 – 500 Hz
operating,
Acceleration magnitude:
2.2 g n rms
mounted on a
Test duration:
1.5 h (0.5 h each axis)
DIN-rail 2
1
Wall-mounted with brackets UMB-W [HZZ00618]; see Accessories
2
Fastened on a DIN-rail with 2 additional DIN-rail fixing brackets DMB-EWG; see Accessories. This also covers wall-mounting with
brackets, because wall mounting performs better in vibration test.
Temperatures
Table 10: Temperature specifications, valid for an air pressure of 800 - 1200 hPa (800 - 1200 mbar)
Model
Standard models -6
Unit
Characteristics
Conditions
min
max
TA
Ambient temperature
Converter
–40
60
° C
TC
Case temperature
operating1
–40
902
TS
Storage temperature
Not operating
–40
100
1
See Thermal Considerations
2
See table 4 and 5 Po derating
Table 12: MTBF
Values at specified
Model
Ground benign
Ground fixed
Ground mobile
Unit
case temperature
40 °C
40 °C
70 °C
50 °C
MTBF 1
LXN1801-6
400 000
110 000
50 000
40 000
h
1
Calculated according to MIL-HDBK-217E, notice 2.
Failure Rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com