Electronic Components Datasheet Search
  English  ▼

X  

CT19901 Datasheet(PDF) 29 Page - Aeroflex Circuit Technology

Part # CT19901
Description  MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT19901 Datasheet(HTML) 29 Page - Aeroflex Circuit Technology

Back Button CT19901 Datasheet HTML 21Page - Aeroflex Circuit Technology CT19901 Datasheet HTML 22Page - Aeroflex Circuit Technology CT19901 Datasheet HTML 23Page - Aeroflex Circuit Technology CT19901 Datasheet HTML 24Page - Aeroflex Circuit Technology CT19901 Datasheet HTML 25Page - Aeroflex Circuit Technology CT19901 Datasheet HTML 26Page - Aeroflex Circuit Technology CT19901 Datasheet HTML 27Page - Aeroflex Circuit Technology CT19901 Datasheet HTML 28Page - Aeroflex Circuit Technology CT19901 Datasheet HTML 29Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 29 page
background image
Aeroflex Circuit Technology
SCDCT1990 REV B 8/21/00 Plainview NY (516) 694-6700
29
Ordering Information
Model Number
DESC Part Number
Package
CT1990-1-20
5962-9477501
1.6" x 2.4" Ceramic Plug In
CT1991-1-20
Pending
1.6" x 2.4" Ceramic Plug In
CIRCUIT TECHNOLOGY
Specifications subject to change without notice.
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11830
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: 1-(800)THE-1553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com