Electronic Components Datasheet Search
  English  ▼

X  

CT1999 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # CT1999
Description  CT1999 Remote Terminal and/or Bus Controller for MIL-STD-1553B
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1999 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  CT1999 Datasheet HTML 1Page - Aeroflex Circuit Technology CT1999 Datasheet HTML 2Page - Aeroflex Circuit Technology CT1999 Datasheet HTML 3Page - Aeroflex Circuit Technology CT1999 Datasheet HTML 4Page - Aeroflex Circuit Technology CT1999 Datasheet HTML 5Page - Aeroflex Circuit Technology CT1999 Datasheet HTML 6Page - Aeroflex Circuit Technology CT1999 Datasheet HTML 7Page - Aeroflex Circuit Technology CT1999 Datasheet HTML 8Page - Aeroflex Circuit Technology CT1999 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
eroflex Circuit T
echnology – Data Bus Modules For The Future SCDCT1999 REV B 8/14/01
Features
• Performs the Complete Dual-Redundant Remote Terminal and Bus Controller Protocol
Functions of MIL-STD-1553B
• Automatic Switchover to Superseding Input Commands
• MIL-PRF-38534 Compliant Circuits Available
• 750 mw Typical Power Consumption
• Small Size
• Available in Plug-in or Flatpack Configuration
• Compatible with all ACT Driver/Receiver Units
• 5V DC Operation
• Direct replacement for CT1602
• Full Military (-55°C to +125°C) Temperature Range
General Description
The CT1999 design incorporates ASIC and five Octal Buffers that accomplish the dual redundant
MIL-STD1553B Remote Terminal and/or Bus Controller Protocol Functions. Buffering has been added to the
most commonly used output signals on the CT1999, minimizing external hardware requirements. The CT1999
connects directly to all ACT Driver/Receiver Units.
Encoder
Decoder
"O"
Decoder
"1"
Driver
Select
&
Enable
BUS "0"
BUS "1"
T/R
Hybrid
T/R
Hybrid
Internal
Highway
Control
Discrete
Output
Buffers
Internal
Highway
Buffer
SA & WC
Buffers
Interface
Unit
Control
Data I/O
Sub Address
&
Word Count
Outputs
Buffered
Descrete
Outputs
Unbuffered
Outputs
Control
Inputs
Terminal
Address
Inputs
Block Diagram (With Transformer)
ASIC
CT1999
Remote Terminal and/or Bus Controller
CT1999
for MIL-STD-1553B
CIRCUIT TECHNOLOGY
www.aeroflex.com


Similar Part No. - CT1999

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
CT1990-1-20 AEROFLEX-CT1990-1-20 Datasheet
232Kb / 29P
MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT19901 AEROFLEX-CT19901 Datasheet
232Kb / 29P
MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT1991-1-20 AEROFLEX-CT1991-1-20 Datasheet
232Kb / 29P
MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT1995 AEROFLEX-CT1995 Datasheet
277Kb / 25P
MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT1995-20 AEROFLEX-CT1995-20 Datasheet
277Kb / 25P
MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
More results

Similar Description - CT1999

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
CT19901 AEROFLEX-CT19901 Datasheet
232Kb / 29P
MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT1995 AEROFLEX-CT1995 Datasheet
277Kb / 25P
MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT2542 AEROFLEX-CT2542 Datasheet
313Kb / 17P
CT 2542 Dual Redundant Remote Terminal FOR MIL-STD-1553B
CT25421111 AEROFLEX-CT25421111 Datasheet
315Kb / 17P
CT 2542 / CT2543 Dual Redundant Remote Terminal FOR MIL-STD-1553B
CT2561 AEROFLEX-CT2561 Datasheet
103Kb / 9P
CT2561 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT2565 AEROFLEX-CT2565 Datasheet
356Kb / 31P
CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
logo
Dynex Semiconductor
MA3690 DYNEX-MA3690 Datasheet
426Kb / 41P
1553B Bus Controller/Remote Terminal
logo
Actel Corporation
1553BBC-XX ACTEL-1553BBC-XX Datasheet
225Kb / 30P
Core1553BBC MIL-STD-1553B Bus Controller
logo
Tyco Electronics
DK-621-0912-S MACOM-DK-621-0912-S Datasheet
129Kb / 5P
Data Bus (MIL-STD-1553B) Components
D-500-0463-612 MACOM-D-500-0463-612 Datasheet
339Kb / 5P
Data Bus (MIL-STD-1553B) Components
Revised 12-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com