Electronic Components Datasheet Search
  English  ▼

X  

CT1999 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # CT1999
Description  CT1999 Remote Terminal and/or Bus Controller for MIL-STD-1553B
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1999 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  CT1999 Datasheet HTML 1Page - Aeroflex Circuit Technology CT1999 Datasheet HTML 2Page - Aeroflex Circuit Technology CT1999 Datasheet HTML 3Page - Aeroflex Circuit Technology CT1999 Datasheet HTML 4Page - Aeroflex Circuit Technology CT1999 Datasheet HTML 5Page - Aeroflex Circuit Technology CT1999 Datasheet HTML 6Page - Aeroflex Circuit Technology CT1999 Datasheet HTML 7Page - Aeroflex Circuit Technology CT1999 Datasheet HTML 8Page - Aeroflex Circuit Technology CT1999 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Aeroflex Circuit Technology
SCDCT1999 REV B 8/14/01 Plainview NY (516) 694-6700
2
Absolute Maximum Ratings
Parameter
Range
Units
Operating Free-air Temperature
-55°C to +125
°C
Storage Case Temperature
-65°C to +150
°C
Power Supply Voltage VCC
+7
Volts
Input Voltage
+7
Volts
Recommended Operating Conditions
Parameter
Min
Typ
Max
Unit
VCC Power Supply Voltage VCC
4.5
5.0
5.5
V
VIH High Level Input Voltage, Vcc = 5V
2.2
V
VIL Low Level Input Voltage, Vcc = 5V
0.7
V
Electrical Characteristics
(TA = -55
°C to +125°C)
Parameter
Test Conditions
Min
Max
Unit
Notes
VOH High Level Output Voltage
IOH = -3mA
IOH = -400µA
IOH = -800µA
VCC = 4.5V
2.4
2.4
2.4
V
V
V
2B,5
6
7
VOL Low Level Output Voltage
IOL = +12mA
IOL = +4mA
IOL = +2mA
VCC = 4.5V
0.4
0.4
0.4
V
V
V
2B,5
6
7
IIH High Level Input Current
VCC = 5.5V, VIH = 2.4V
-700
-20
-700
-400
-200
20
-200
-25
µA
µA
µA
µA
1
2A,2B
3
4
IIL Low Level Input Current
VCC = 5.5V, VIL = 0.4V
-900
-200
-900
-500
-350
0
-350
-25
µA
µA
µA
µA
1
2A,2B
3
4
ICC Supply Current
VCC = 5.5V
285
mA
Notes (Pin numbers are for 90 pin Plug in package):
1. Pins 45 through 50 (RTADPAR,RTAD0,1,2,3,4). 2A. Pin 34 (IHDIR). 2B. Pins 37 through 44 (IH08 through
IH715). 3. Pins 24,36 (BUFINH, IHENA). 4. ALL remaining inputs ALL versions. 5. Pins 2 through 23 (Remaining
Buffered Outputs). 6. Pins 68,69,70,71 (TXINH0,TXINH1,TXDATA,TXDATA). 7. All remaining outputs.
Clock Requirements
Frequency
Stability (-55°C to +125°C)
Maximum Asymmetry
Rise/Fall Time
6MHz
±0.01%
48 - 52%
10ns MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com