Electronic Components Datasheet Search
  English  ▼

X  

CT1999 Datasheet(PDF) 10 Page - Aeroflex Circuit Technology

Part # CT1999
Description  CT1999 Remote Terminal and/or Bus Controller for MIL-STD-1553B
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1999 Datasheet(HTML) 10 Page - Aeroflex Circuit Technology

Back Button CT1999 Datasheet HTML 6Page - Aeroflex Circuit Technology CT1999 Datasheet HTML 7Page - Aeroflex Circuit Technology CT1999 Datasheet HTML 8Page - Aeroflex Circuit Technology CT1999 Datasheet HTML 9Page - Aeroflex Circuit Technology CT1999 Datasheet HTML 10Page - Aeroflex Circuit Technology CT1999 Datasheet HTML 11Page - Aeroflex Circuit Technology CT1999 Datasheet HTML 12Page - Aeroflex Circuit Technology CT1999 Datasheet HTML 13Page - Aeroflex Circuit Technology CT1999 Datasheet HTML 14Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Aeroflex Circuit Technology
SCDCT1999 REV B 8/14/01 Plainview NY (516) 694-6700
10
BUF INH
SINK
Buffer Inhibit - A low on this line causes the Buffered Signals to assume a
high impedance state.
IH ENA
SINK
Internal Highway Enable - A low on this line enables the Internal Highway
transceiver to transmit or receive data which is controlled by the IH DIR Line.
IH DIR
SINK
Internal Highway Direction - Controls the direction of data through the
Internal Highway Transceiver.
High = To Subsystem
Low = From Subsystem
RX DATA 0/1
SINK
Positive Date In. This should be a TTL description of the positive, half of the
Manchester code data on the bus. It should be driven to a logic level “1” when
a predetermined positive threshold is exceeded on the bus.
RX DATA 0/1
SINK
Negative Data In. This should be a TTL description of the negative half of the
Manchester code data on the bus. It should be driven to a logic level “1” when
a predetermined negative threshold is exceeded on the bus.
TX INHIBIT 0/1
SOURCE
Transmitter Enable. Goes low when the transmitter is transmitting. Should be
used to enable the bus drivers.
TX DATA
SOURCE
Positive Data Out - When this signal goes high the bus should be driven
positive.
Pin Description (Cont.)
Signal
Hybrid
Sink or Source
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com