Electronic Components Datasheet Search
  English  ▼

X  

AL5811 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AL5811
Description  60V, LINEAR 75mA ADJUSTABLE CURRENT LED DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5811 Datasheet(HTML) 5 Page - Diodes Incorporated

  AL5811 Datasheet HTML 1Page - Diodes Incorporated AL5811 Datasheet HTML 2Page - Diodes Incorporated AL5811 Datasheet HTML 3Page - Diodes Incorporated AL5811 Datasheet HTML 4Page - Diodes Incorporated AL5811 Datasheet HTML 5Page - Diodes Incorporated AL5811 Datasheet HTML 6Page - Diodes Incorporated AL5811 Datasheet HTML 7Page - Diodes Incorporated AL5811 Datasheet HTML 8Page - Diodes Incorporated AL5811 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AL5811
Document number: DS35255 Rev. 1 - 2
5 of 13
www.diodes.com
January 2013
© Diodes Incorporated
AL5811
Typical Performance Characteristics (cont.)
AMBIENT TEMPERATURE(°C)
Thermal Shutdown MSOP-8EP
14
125
Tshdn
Thys
0
02
04
06
08
10
12
160
130
135
140
145
150
155
R
= 75K
V = 9V
SET
IN
Ω
0
0.1
0.2
0.3
0.4
0.5
0.6
2
3
20
45
INPUT VOLTAGE (V)
R
Voltage vs. Input Voltage
SET
V
= 1.0V
T = +25°C
LED
A
R
= 15K
SET
Ω
AMBIENT TEMPERATURE (°C)
R
Voltage vs. Ambient Temperature
SET
0.485
0.486
0.487
0.488
0.489
0.490
0.491
0.492
0.493
0.494
-40
25
125
R
= 15k
SET
V
= 3.5V
V
= 1.0V
CC
LED
300
INPUT VOLTAGE (V)
Supply Current vs. Input Voltage
250
200
150
100
50
0
R
= 10K
SET
Ω
R
= 15K
SET
Ω
R
= 37.4K
SET
Ω
V
= 1.0V
T = +25°C
LED
A
60
015
25 30
40 45
55
510
20
35
50
AMBIENT TEMPERATURE (°C)
Supply Current vs. Ambient Temperature
250
25
125
-40
200
150
100
50
0
R
= 10K
SET
Ω
R
= 15K
SET
Ω
R
= 37.4K
SET
Ω
V
= 3.5V
V
= 1.0V
CC
LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com