Electronic Components Datasheet Search
  English  ▼

X  

AL5811 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AL5811
Description  60V, LINEAR 75mA ADJUSTABLE CURRENT LED DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5811 Datasheet(HTML) 3 Page - Diodes Incorporated

  AL5811 Datasheet HTML 1Page - Diodes Incorporated AL5811 Datasheet HTML 2Page - Diodes Incorporated AL5811 Datasheet HTML 3Page - Diodes Incorporated AL5811 Datasheet HTML 4Page - Diodes Incorporated AL5811 Datasheet HTML 5Page - Diodes Incorporated AL5811 Datasheet HTML 6Page - Diodes Incorporated AL5811 Datasheet HTML 7Page - Diodes Incorporated AL5811 Datasheet HTML 8Page - Diodes Incorporated AL5811 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AL5811
Document number: DS35255 Rev. 1 - 2
3 of 13
www.diodes.com
January 2013
© Diodes Incorporated
AL5811
Package Thermal Data
Package
θJC
Thermal Resistance
Junction-to-case
(Note 5)
θJA
Thermal Resistance
Junction-to-Ambient
(Note 5)
PDIS
TA = +25°C,
TJ = +125°C
MSOP-8EP
37
85°C/W (Note 6)
1.2W
U-DFN3030-6
13
71°C/W (Note 7)
1.40W
Notes:
5. Dominant conduction path via exposed pad.
6. Test condition for MSOP-8EP: Device mounted on FR-4 PCB (51mm x 51mm 2oz copper, minimum recommended pad layout on top layer and
thermal vias to bottom layer ground plane. For better thermal performance, larger copper pad for heat-sink is needed.
7. Test condition for U-DFN3030-6: Device mounted on FR-4 PCB (51mm x 51mm 2oz copper, minimum recommended pad layout on top layer and
thermal vias to bottom layer with maximum area ground plane. For better thermal performance, larger copper pad for heat-sink is needed
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage Range Relative to GND Pin
3.5
60
V
VLED
OUT Voltage Range Relative to GND Pin
1.0
60
ILED
LED Pin Current (Note 8)
10
75
mA
TA
Operating Ambient Temperature Range
-40
+125
°C
Note:
8. Maximum LED current is also limited by ambient temperature and power dissipation such that junction temperature should
be kept less than or equal 125°C.
Electrical Characteristics (@TA = +25°C, VCC = 3.5V, VLED = 1.0 (Note 9), RSET = 15kΩ, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRSET
RSET Voltage
TA = -40°C to +125°C
0.5
V
ILED
ILED Current Accuracy
RSET = 37.5kΩ
TA = +25°C
18
20
22
mA
RSET = 10kΩ
70
75
80
RSET = 15kΩ
47
50
53
TA = -40°C to +125°C
46
54
REGLINE
LED Current Line Regulation
VCC = 3.5V to 60V
TA = +25°C
0.25
%
ICC
Supply Current
3.5V ≤ VCC ≤ 60V
TA = +25°C
200
300
µA
TA = -40°C to +125°C
350
ILEAK
LED Pin Leakage Current
VCC = 60V; VLED = 60V
RSET = Open Circuit
TA = +125°C
1
µA
TSHDN
Thermal Shutdown
155
°C
THYS
Thermal Shutdown Hysteresis
20
°C
Note:
9. All voltages unless otherwise stated are measured with respect to GND pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com