Electronic Components Datasheet Search
  English  ▼

X  

AL5811 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AL5811
Description  60V, LINEAR 75mA ADJUSTABLE CURRENT LED DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5811 Datasheet(HTML) 1 Page - Diodes Incorporated

  AL5811 Datasheet HTML 1Page - Diodes Incorporated AL5811 Datasheet HTML 2Page - Diodes Incorporated AL5811 Datasheet HTML 3Page - Diodes Incorporated AL5811 Datasheet HTML 4Page - Diodes Incorporated AL5811 Datasheet HTML 5Page - Diodes Incorporated AL5811 Datasheet HTML 6Page - Diodes Incorporated AL5811 Datasheet HTML 7Page - Diodes Incorporated AL5811 Datasheet HTML 8Page - Diodes Incorporated AL5811 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AL5811
Document number: DS35255 Rev. 1 - 2
1 of 13
www.diodes.com
January 2013
© Diodes Incorporated
AL5811
60V, LINEAR 75mA ADJUSTABLE CURRENT LED DRIVER
Description
The AL5811 is a Linear LED driver with an adjustable LED current up
to 75mA offering excellent temperature stability and output handling
capability. The AL5811 simplifies the design of linear and isolated or
non-isolated LED drivers by setting the LED current with standard
value resistors.
The AL5811 has an open drain output that can swing from 1V up to
60V enabling it drive long LED chains. Its low 0.5V RSET pin is
outside of the LED current path and so accuracy is maintained while
minimizing the required overhead to regulate the LED current. This
reduces its power dissipation when compared to traditional linear
LED drivers. This makes it ideal for driving LEDs up to 75mA.
Longer LED chains can be driven by tapping VCC from the chain,
where the chain voltage may exceed 60V.
The AL5811 is available in the exposed pad MSOP-8EP and
U-DFN3030-6 packages.
Features
•
Low Reference Voltage (VRSET = 0.5V)
•
-40°C to +125°C Temperature Range
•
±6% Typical LED Current Tolerance
•
Low Temperature Drift
•
1.0V to 60V Open-Drain Output
•
High Power Supply Rejection
•
MSOP-8EP and U-DFN3030-6
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
LED
NC
NC
GND
R
SET
NC
NC
VCC 1
2
3
4
8
7
6
5
(Top View)
MSOP-8EP
U-DFN3030-6
(Top View)
LED
NC
GND
VCC
NC
RSET 3
2
1
4
5
6
Exposed
Pad
Applications
•
Isolated Offline LED Converters
•
Linear LED Driver
•
LED Signs
•
Instrumentation Illumination
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen and Antimony free, "Green" and Lead-Free.
3. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.
Typical Applications Circuit
AL5811
VCC
LED
GND
RSET
RSET 10kΩ
VIN
CIN 0.1µF
VIN
CIN 0.1µF
AL5811
VCC
LED
GND
RSET
RSET 10kΩ


Similar Part No. - AL5811

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL5811 DIODES-AL5811 Datasheet
432Kb / 14P
60V, LINEAR 75mA ADJUSTABLE CURRENT LED DRIVER
Rev 3
AL5811EV1 DIODES-AL5811EV1 Datasheet
707Kb / 8P
75mA, 60V Low-side Adjustable Linear LED Driver
Rev 2
AL5811EV2 DIODES-AL5811EV2 Datasheet
700Kb / 8P
75mA, 60V Low-side Adjustable Linear LED Driver
Rev 2
AL5811FF DIODES-AL5811FF Datasheet
700Kb / 8P
75mA, 60V Low-side Adjustable Linear LED Driver
Rev 2
AL5811FF-7 DIODES-AL5811FF-7 Datasheet
432Kb / 14P
60V, LINEAR 75mA ADJUSTABLE CURRENT LED DRIVER
Rev 3
More results

Similar Description - AL5811

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL5812 DIODES-AL5812 Datasheet
193Kb / 12P
60V, 150mA ADJUSTABLE LINEAR LED DRIVER
Rev 1
AL5802LPL DIODES-AL5802LPL Datasheet
1Mb / 11P
LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
Rev 3
AL5802 DIODES-AL5802_14 Datasheet
1Mb / 11P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 9
AL5811EV1 DIODES-AL5811EV1 Datasheet
707Kb / 8P
75mA, 60V Low-side Adjustable Linear LED Driver
Rev 2
AL5811EV2 DIODES-AL5811EV2 Datasheet
700Kb / 8P
75mA, 60V Low-side Adjustable Linear LED Driver
Rev 2
AL5812EV2 DIODES-AL5812EV2 Datasheet
828Kb / 8P
150mA, 60V Low-side Adjustable Linear LED Driver
Rev 2
AL5812EV3 DIODES-AL5812EV3 Datasheet
847Kb / 8P
150mA, 60V Low-side Adjustable Linear LED Driver
Rev 2
AL5811 DIODES-AL5811_16 Datasheet
432Kb / 14P
60V, LINEAR 75mA ADJUSTABLE CURRENT LED DRIVER
Rev 3
AL5810Q DIODES-AL5810Q Datasheet
621Kb / 11P
ADJUSTABLE 60V LINEAR LED DRIVER
Rev 1
AL5810 DIODES-AL5810 Datasheet
932Kb / 13P
ADJUSTABLE 60V LINEAR LED DRIVER
Rev. 2 - 2 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com