Electronic Components Datasheet Search
  English  ▼

X  

CT2553 Datasheet(PDF) 31 Page - Aeroflex Circuit Technology

Part # CT2553
Description  CT2553 / 2554 / 2555 / 2556 Advanced Integrated MUX (AIM) Hybrid FOR MIL-STD-1553
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2553 Datasheet(HTML) 31 Page - Aeroflex Circuit Technology

Back Button CT2553 Datasheet HTML 27Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 28Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 29Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 30Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 31Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 32Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 33Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 34Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 35Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
Aeroflex Circuit Technology
31
SCDCT2553 REV B 8/6/99 Plainview NY (516) 694-6700
Table 7A – CT2553 Pin Function Table (78 Pin DIP)
Pin
Name
IIH(µA) IIL(mA) IOH(µA) IOL(mA)
Description
1
D00
(5)
-0.4
-400
3.6
I/O Data Bus Bit 0 (LSB).
2
D02
(5)
-0.4
-400
3.6
I/O Data Bus Bit 2.
3
D04
(5)
-0.4
-400
3.6
I/O Data Bus Bit 4.
4
D06
(5)
-0.4
-400
3.6
I/O Data Bus Bit 6.
5
D08
(5)
-0.4
-400
3.6
I/O Data Bus Bit 8.
6
D10
(5)
-0.4
-400
3.6
I/O Data Bus Bit 10.
7
D12
(5)
-0.4
-400
3.6
I/O Data Bus Bit 12.
8
D14
(5)
-0.4
-400
3.6
I/O Data Bus Bit 14.
9
RTAD1
(5)
-0.4
-
-
Remote Terminal Address Bit 1.
10
RTAD0
(5)
-0.4
-
-
Remote Terminal Address Bit 0 (LSB)
11
RTAD4
(5)
-0.4
-
-
Remote Terminal Address Bit 4 (MSB)
12
ILLCMD
+10
±0.01
-
-
Legal Command. Defines the received command as illegal.
13
SA/MC-0
-
-
-400
2.0
Subaddress/Mode Command Bit 0. Multiplexed output bit-0 of
subaddress/word count field of the current command word. SA/MC
determined by the state of LMC.
14
Logic +5V
-
-
-
-
+5V supply input for digital logic section. B6 counter.
15
SA/MC-1
-
-
-400
2.0
Subaddress/Mode Command Bit 1. In MT mode, pulses every time 32
words have been stored. B7 counter.
16
BCSTRCV
-
-
-400
2.0
Broadcast Received. Indicates current command is a 1553 Broadcast
Command.
17
LMC
-
-
-400
2.0
Latched Mode Command. Logic 1 indicates current command word is a
mode code and selects MC0-MC4. Logic 0 indicates non-mode
comrnand and selects SA0-SA4.
18
-15V
-
-
-
-
-15V input power supply connection for the B channel transceiver.
19
GNDB
-
-
-
-
Ground B. Power supply return connection for the B channel
transceiver.
20
TX/RX-B
-
-
-
-
Transmit/Receive transceiver-B. Input/output to the coupling
transformer that connects to the B channel of the 1553 Bus.
21
Logic GND
-
-
-
-
Logic Ground. Power supply return for the digital logic section.
22
A01
(5)
-0.4
-400
3.6
Address Bit 1
23
A03
(5)
-0.4
-400
3.6
Address Bit 3
24
A05
(5)
-0.4
-400
3.6
Address Bit 5
25
A07
(5)
-0.4
-400
3.6
Address Bit 7
26
A09
(5)
-0.4
-400
3.6
Address Bit 9
27
A11
(5)
-0.4
-400
3.6
Address Bit 11
28
A13
(5)
-0.4
-400
3.6
Address Bit 13
29
A15
(5)
-0.4
-400
3.6
Address Bit 15 (MSB)
30
MEMOE
-400
4.0
Memory Output Enable. A Logic 0 used to enable data output
from memory when the 1553 or CPU reads from memory.
31
MEMENA-OUT
-
-
-400
4.0
Memory Enable Out. Low level output to enable external RAM.
Used with MEMOE to read data or with MEMWR to write data into
external RAM.
32
CLOCK IN
±20
±0.02
-
-
Clock Input. 16 MHz TTL clock.
33
MEM/REG
(6)
-0.7
-
-
Memory/Register. Input from CPU to select memory or register data
transfer.
34
STRBD
(6)
-0.7
-
-
Strobe Data. Used in conjunction with SELECT to initiate a data
transfer cycle to/from CPU.
35
EXTEN
-
-
External Enable. Used to load data into external devices.
36
RD/WR
(6)
-0.7
-
-
Read/Write. Input from the CPU which defines the Data Bus
transfer as a read or write operation.
37
EXTLD
-
-
External load. Used to load data into external devices.
38
GNDA
-
-
-
-
Ground A. Power supply return connection for the A channel
transceiver.
39
-15VA
-
-
-
-
-I5V input power supply connection for the A channel transceiver.
40
TX/RX-A
-
-
-
-
Transmit/Receive transceiver-A. Input/Output to the coupling
transformer that connects to the A channel of the 1553 Bus.
41
D01
(5)
-0.4
-400
3.6
I/O Data Bus Bit 1.
42
D03
(5)
-0.4
-400
3.6
I/O Data Bus Bit 3.
43
D05
(5)
-0.4
-400
3.6
I/O Data Bus Bit 5
44
D07
(5)
-0.4
-400
3.6
I/O Data Bus Bit 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com