Electronic Components Datasheet Search
  English  ▼

X  

CT2553 Datasheet(PDF) 19 Page - Aeroflex Circuit Technology

Part # CT2553
Description  CT2553 / 2554 / 2555 / 2556 Advanced Integrated MUX (AIM) Hybrid FOR MIL-STD-1553
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2553 Datasheet(HTML) 19 Page - Aeroflex Circuit Technology

Back Button CT2553 Datasheet HTML 15Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 16Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 17Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 18Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 19Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 20Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 21Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 22Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 23Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Aeroflex Circuit Technology
19
SCDCT2553 REV B 8/6/99 Plainview NY (516) 694-6700
MT OPERATION
Initiate a Reset in order to initialize the CT2553.
Configure the CT2553 as a Bus Monitor (MT) by
setting the appropriate Configuration Register
Bits. See Figure 24 for MT initialization Steps.
MT
MEMORY
CONFIGURATION.
The
user
configures the memory by writing the start
address for 1553 data storage into the Stack
Pointer
location.
The
Monitor
Stack
will
automatically wrap around once the RAM has
been filled (i.e., location FFF(H) is followed by
location 0000). An example of a typical MT
Memory Map 4 given in Table 5.
MT
START
SEQUENCE.
After
setting
the
CONTROLLER START bit in the Start/Reset
Register, the CT2553 takes the following actions:
1. Reads the start address for 1553 data storage
from the Stack Pointer location. The Stack
Pointer location(s) will be overwritten with 1553
data once the MT mode has begun and 1553
data is written into locations 0100(H) and
0101(H)].
2. Stores the received 1553 word into memory.
3. Increments the Stack Pointer by 1.
4. Generates an Identification Word and stores
this value into memory.
5.Repeats steps 2-4 until a Reset condition
occurs.
MT IDENTIFICATION WORD. The Identification
word provides the CPU with information pertaining
to the received 1553 word. Its format is shown in
Figure 25, This information allows the user to
analyze the 1553 data.
THIS-RT: Each command appearing on either
1553
Bus
is
decoded
and
tested
for
Manchester/protocol
errors.
If
the
CT2553
receives a valid command word containing a
Command Sync and a RTU address equivalent to
the RTAD0-RTAD4 inputs (pins 10, 9, 50, 49, and
11, respectively), THIS-RT (pin 55) will be pulsed
low. This signal can be used to identify specific
1553 commands or for switching to RTU mode
upon receipt of a command to this address.
Table 5 – Typical MT Memory Map
HEX ADDRESS
FUNCTION
0000
First Received 1553 Word
0001
First Identification Word
0002
Second Received 1553 Word
0003
Second Identification Word
0004
•
0005
•
0006
•
•
•
•
•
0100
Stack Pointer (Fixed location)
•
•
•
•
FFFF
•
MSB
LSB
15
8 7 6 5 4 3 2 1 0
1
GAP TIME
WORD FLAG
THIS RT
BROADCAST
ERROR
COMMAND SYNC
1553 CHANNEL A/B
CONTIGUOUS DATA
MODE CODE
BIT NAME
DEFINITION
GAP TIME
Indicates the time between receipt of the
previous and current words.Time is
indicated in 0.5µs increments for a
maximum of 128 µs and goes to FF over
128µs. (See Word Gap bit.)
WORD FLAG
Always logic 1.
THIS RT
Logic 0 indicates RT address field of the
associated command or Status Word
matches the RT address field of the
CT2553.
BROADCAST
Logic 0 indicates the RTU address field of
the command or Status Word
corresponds to address 31 (decimal).
ERROR
Logic 1 indicates Manchester, Parity,
Sync and/or low bit counter.
COMMAND SYNC
Logic 1 indicates 1553 Command or
Status Word sync field. (Logic 0 indicates
a Data Word sync field in received word.)
1553 CHANNEL
A/B
Indicates word received on 1553 Bus A
(1) or Bus B (0).
CONTIGUOUS
DATA
Logic 1 indicates the word was received
within 2µs of the previous word. If logic 0,
bits 8-15 contain the measured gap
between the words.
MODE CODE
When logic 1, the data transferred is a
mode code command.
Figure 25 – MT Identification Word
START
ISSUE RESET COMMAND
CLEAR RAM
ISSUE START COMMAND
INITIALIZE STACK POINTER
SET CONFIGURATION
REGISTER TO MT MODE
Figure 24 – MT Initialization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com