Electronic Components Datasheet Search
  English  ▼

X  

CT2553 Datasheet(PDF) 17 Page - Aeroflex Circuit Technology

Part # CT2553
Description  CT2553 / 2554 / 2555 / 2556 Advanced Integrated MUX (AIM) Hybrid FOR MIL-STD-1553
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2553 Datasheet(HTML) 17 Page - Aeroflex Circuit Technology

Back Button CT2553 Datasheet HTML 13Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 14Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 15Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 16Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 17Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 18Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 19Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 20Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 21Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Aeroflex Circuit Technology
17
SCDCT2553 REV B 8/6/99 Plainview NY (516) 694-6700
RTU MESSAGE BLOCK TRANSFER SEQUENCE
RTU
message
transfer
operations
begin
automatically upon receipt of a valid command
word from the 1553 bus. A message transfer
takes the form of an RTU Start Of Message
(SOM) cycle followed by the 1553 Message
Transfer Cycle and an RTU End Of Message
(EOM) cycle (See Figure 22).
During the RTU SOM cycle, the CT2553 the
following actions:
1. Loads the 1553 command word.
2. Reads the current area Stack Pointer to get the
address of the current Descriptor Stack Entry
(DSE).
3. Stores an SOM flag into the Block Status Word
to indicate a transfer in progress.
4. Writes the Time Tag value into the the
Descriptor Stack.
5. Stores the Command Word received.
6. Reads the associated Data Block Address from
the (current area) Look-Up Table.
The MESSAGE TRANSFER CYCLE refers to the
actual transfer of the 1553 message under control
of the CT2553. The CT2553 transfers data to and
from the memory on a word-by-word basis.
Upon completion of the message transfer, the
CT2553 executes an RTU End Of Message
(EOM) cycle during which the CT2553:
1. Generates an EOM or Error interrupt (if
enabled).
2. Updates the Block Status Word: clears SOM,
sets EOM, and any appropriate error bits.
3. Writes the Time Tag value into the Descriptor
Stack.
4. Increments the Stack Pointer by 4.
Figure 22 – RTU Message Transfer
Operation
MESSAGE COMPLETE
GENERATE EOM INTERRUPT AND
CONDITION DETECTED
ERROR INTERRUPT IF ERROR
INCREMENT STACK POINTER
BY FOUR
UPDATE BLOCK STATUS WORD
AND TIME TAG
TRANSFER DATA TO/FROM
1553 INTERFACE DEVICE
READ LOOK-UP TABLE USING
AREA BIT B/A
T/R SUBADDRESS CURRENT
UPDATE DESCRIPTOR STACK
TAG AND COMMAND WORD
BLOCK STATUS WORD, TIME
READ STACK POINTER
1553 COMMAND WORD
RECEIVED
?
NO
YES
WAIT FOR NEXT
1553 COMMAND
15
7 6 5 4 3 2 1 0
0 0 0 0 0 0 0 1
1
CURRENT AREA B/A
T/R (from command word)
SUB-ADDRESS (command word)
Figure 20 – RTU Look-Up Address
RECEIVED COMMAND WORDS
DATA BLOCK
T/R
SUBADD
WORD
COUNT
LOOK-UP
TABLE (A)
ADDRESS
DATA BLOCK
0
00000
XXXXX
0140
USER DEFINED
0
00001
XXXXX
0141
USER DEFINED
0
00010
XXXXX
0142
USER DEFINED
*
64 LOCATIONS
*
*
1
11110
XXXXX
017E
USER DEFINED
1
11111
XXXXX
017F
USER DEFINED
Figure 21 – Look-Up Table Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com