| Electronic Components Datasheet Search |
|
980 Datasheet(PDF) 2 Page - Agere Systems |
|
|
|||||||||||||||||||||||||||||
980 Datasheet(HTML) 2 Page - Agere Systems |
|
2 / 8 page ![]() 980-Type Ultrahigh Preliminary Data Sheet Reliability Pump Laser Module April 1999 2 2 Lucent Technologies Inc. Description (continued) The 980-Type Pump Laser Module has been specifi- cally designed for undersea optical amplified very high capacity transmission systems that require long-term life expectancy. The extremely stringent reliability requirements imposed on the 980-Type (necessary to achieve long-term system life) are accomplished through careful design, exacting manufacture, and thor- ough testing. The 980-Type qualification plan consists of a basic set of electro-optic and mechanical tests designed to confirm the performance and reliability of the module over its projected service life under assumed operating conditions. Custom designed, extended qualification test programs can be developed to focus on customer system requirements. Based on the results of qualification testing, a certifica- tion program has been developed to ensure the high- reliability performance of the devices. Each 980-Type device undergoes this certification process where the performance parameters are measured before, during, and after environmental stresses. The certification results for each 980-Type Pump Laser Module are then examined to ensure that only the pump laser modules that exhibit performance consistent with long-term sys- tem operation are selected for product. Each 980-Type is individually serialized for full trace- ability and is shipped with the appropriate test data. The 980-Type assembly, test, and certification facilities have all passed the rigorous qualification process required for all facilities that manufacture devices employed in undersea applications. Also, on an ongo- ing basis, small quantities of product from each manu- facturing lot are retained and tested as part of a surveillance program for undersea devices. Each sur- veillance group is subjected to the complete spectrum of environmental/mechanical stresses required during the qualification process. The surveillance results are reviewed and compiled so that long-term trends can be studied. The reliability performance of the 980-Type Pump Laser Module is a result of a rigorous qualifica- tion process combined with an extensive and ongoing surveillance program. Pinout Information Top View. 1-675(F).e Figure 1. Pinout Schematic 7 6 54 32 1 8 9 10 11 12 13 14 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |