Electronic Components Datasheet Search
  English  ▼

X  

980 Datasheet(PDF) 6 Page - Agere Systems

Part # 980
Description  980-Type Ultrahigh- Reliability Pump Laser Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

980 Datasheet(HTML) 6 Page - Agere Systems

  980 Datasheet HTML 1Page - Agere Systems 980 Datasheet HTML 2Page - Agere Systems 980 Datasheet HTML 3Page - Agere Systems 980 Datasheet HTML 4Page - Agere Systems 980 Datasheet HTML 5Page - Agere Systems 980 Datasheet HTML 6Page - Agere Systems 980 Datasheet HTML 7Page - Agere Systems 980 Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
980-Type Ultrahigh
Preliminary Data Sheet
Reliability Pump Laser Module
April 1999
6
Lucent Technologies Inc.
Class IIIb Laser Product
This product complies with 21 CFR 1040.10 and 1040.11.
Single-mode connector
Wavelength = 0.98 µm
Maximum power = 70 mW
Because of size constraints, labeling is not affixed to the module but is contained in the shipping carton.
Product is not shipped with power supply.
Caution: Use of controls, adjustments, and procedures other than those specified herein may result in
hazardous laser radiation exposure.
DANGER
INVISIBLE LASER RADIATION
AVOID DIRECT EXPOSURE TO BEAM.
Indium Gallium Arsenide Laser
70 mW Maximum Output @ 0.98 µm
Class IIIb Laser Product
Complies with 21 CFR 1040.10 and 1040.11
DANGER: Invisible laser radiation when
disconnected and fiber removed.
AVOID DIRECT EXPOSURE TO BEAM.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com