Electronic Components Datasheet Search
  English  ▼

X  

980 Datasheet(PDF) 3 Page - Agere Systems

Part # 980
Description  980-Type Ultrahigh- Reliability Pump Laser Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

980 Datasheet(HTML) 3 Page - Agere Systems

  980 Datasheet HTML 1Page - Agere Systems 980 Datasheet HTML 2Page - Agere Systems 980 Datasheet HTML 3Page - Agere Systems 980 Datasheet HTML 4Page - Agere Systems 980 Datasheet HTML 5Page - Agere Systems 980 Datasheet HTML 6Page - Agere Systems 980 Datasheet HTML 7Page - Agere Systems 980 Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Preliminary Data Sheet
980-Type Ultrahigh
April 1999
Reliability Pump Laser Module
3
Lucent Technologies Inc.
Pinout Information (continued)
Table 1. Pinout Descriptions
Handling Precautions
Note: Dimensions are inches and (millimeters).
1-532(F)
Figure 2. Fillister Head Screw
Power Sequencing
Adopt the following sequence for turn-on as a matter of
good practice to avoid the possibility of damage to the
pump laser module from power supply switching tran-
sients:
1. All ground connections
2. Most negative supply
3. Most positive supply
4. All remaining connections
Reverse the order for the proper turn-off sequence.
Mounting Instructions
The minimum fiber-bend radius is 25 mm.
To avoid degradation in performance, mount the mod-
ule on the board as follows (see Figure 2):
1. Place the bottom flange of the module on a flat heat
sink at least 0.5 in. x 1.180 in. (12.7 mm x 30 mm) in
size. The surface finish of the heat sink should be
better than 32 µin. (0.8 µm), and the surface flatness
must be better than 0.001 in. (25.4 µm).
Mount four #2-56 screws with Fillister heads (M2-
3 mm) at the four screw hole locations (see Outline
Diagram). The Fillister head diameter must not exceed
0.140 in. (3.55 mm). Do not apply more than 2 in./lb. of
torque to the screws. To minimize package distortion, it
is recommended that a washer is used above and
beneath each mounting foot.
Electrostatic Discharge
Caution: This is a Class 0 ESD device which is
susceptible to damage as a result of
electrostatic discharge (ESD). Take
proper precautions during both handling
and testing. Follow JEDEC Publication
No. 108-A (Dec. 1998).
Lucent employs a human-body model (HBM) and the
field-induced charged-device model (CDM) for ESD-
susceptibility testing and protection design evaluation.
ESD voltage thresholds are dependent on the critical
parameters used to define the model. A standard HBM
(resistance = 1.5 k
Ω, capacitance = 100 pF) is widely
used and, therefore, can be used for comparison pur-
poses. The HBM ESD threshhold presented here was
obtained using these circuit parameters:
Pin
Connection
1
Chassis Ground
2
Chassis Ground
3
Photodetector Anode
4
Photodetector Cathode
5
Chassis Ground
6
Chassis Ground
7
Chassis Ground
8
Chassis Ground
9
Chassis Ground
10
Pump Laser Anode
11
Pump Laser Cathode
12
Chassis Ground
13
Chassis Ground
14
Chassis Ground
0.118
(3.00)
0.062 (1.58)
0.140
(3.56)
0.031 (0.79)
0.129 (3.28)
0.086
(2.18)
0.041 (1.04)
Parameter
Value
Unit
Charged-device Model
≥200
V
Human-body Model
≥400
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com