Electronic Components Datasheet Search
  English  ▼

X  

OR3LP26B Datasheet(PDF) 108 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 108 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 104Page - Agere Systems OR3LP26B Datasheet HTML 105Page - Agere Systems OR3LP26B Datasheet HTML 106Page - Agere Systems OR3LP26B Datasheet HTML 107Page - Agere Systems OR3LP26B Datasheet HTML 108Page - Agere Systems OR3LP26B Datasheet HTML 109Page - Agere Systems OR3LP26B Datasheet HTML 110Page - Agere Systems OR3LP26B Datasheet HTML 111Page - Agere Systems OR3LP26B Datasheet HTML 112Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 184 page
background image
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
108
Lucent Technologies Inc.
Lucent Technologies Inc.
PCI Bus Core Detailed Description Quad Port (continued)
Target Write Memory Burst Transaction
Figure 37 (PCI bus) and Figure 38 (FPGA bus) show the timing for a Target memory write burst of four Quadwords.
The timing on the PCI interface (Figure 37) is typical for a medium-speed decode Target. Note that trdyn is
asserted at the earliest possible time, which is concurrent with assertion of devseln. In the example of a four Quad-
word burst, the FIFO is not filled, so execution continues to completion. This would also be the case for a burst of
any length when the FPGA application is capable of unloading the FIFO as fast as the PCI interface is loading it. If
the Target write FIFO becomes full, the PCI core Target will disconnect without data on the first data word it cannot
accept.
The timing on the FPGA interface (Figure 37) shows that the first indication to the FPGA application that a new
operation has begun is the assertion of target request (treqn), together with the new command on bus tcmd. The
FPGA application responds by asserting target address enable (taenn) and accepting the address on bus twdata.
This is followed by deassertion of taenn, assertion of Target write data enable (twdataenn), and the receiving of
the data on bus twdata. The FPGA application is informed that the last 32 bits of data is being presented when Tar-
get write burst (twlastcycn) is asserted.
5-8855(F)
Figure 37. Target Memory Write 32-Byte Burst (PCI Bus, 64-Bit)
T0
T1
T2
T3
T4
T5
T6
T7
T8
X
ADDRESS
D0
D1
D2
D3
X
CMD
BE0
BE1
BE2
BE3
clk
framen
ad
c_ben
irdyn
devseln
trdyn
stopn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com