| Electronic Components Datasheet Search |
|
T7121-PL2 Datasheet(PDF) 39 Page - Agere Systems |
|
|
|||||||||||||||||||||||||||||
T7121-PL2 Datasheet(HTML) 39 Page - Agere Systems |
|
39 / 68 page ![]() Lucent Technologies Inc. 39 Data Sheet April 1997 T7121 HDLC Interface for ISDN (HIFI-64) Functional Description (continued) Table 18. Register R11—Receiver Time-Slot Offset Control Register R11—B7 R11—B6 R11—B5 R11—B4 R11—B3 R11—B2 R11—B1 R11—B0 DRI (0) RLBIT (1) RTSOF5 (0) RTSOF4 (0) RTSOF3 (0) RTSOF2 (0) RTSOF1 (0) RTSOF0 (0) Register Bit Symbol Name/Function R11 B(0—5) RTSOF0—RTSOF5 Receiver Time-Slot Offset. The value of these 6 bits, coded in binary with bit 0 being the LSB, specifies the number of time slots to delay between the beginning of the first locatable TDM highway time slot and the beginning of a new virtual TDM frame (i.e., the time slot defined by the user as time slot 0.) See Figure 5 for an example of using the RTSOF bits. R11 B6 RLBIT Receive Least Significant Bit First. This bit is used to control whether the least significant or most significant data bit is received first. The least significant data bit in the receive FIFO is defined as that bit which is read on AD0 when the FIFO is read. When RLBIT is 0, the most significant bit of data is received first, and when RLBIT is set to 1, the least significant bit of data is received first. RLBIT has no meaning when not in the TDM highway mode (i.e., HWYEN, R0—B7 = 0). In non-TDM highway mode, data is always received least significant bit first. R11 B7 DRI Receive Data Inverted. If this bit is set to 1, the serial data input to the DRA (or DRB) pin is inverted before data is passed to the HDLC receiver (or FIFO in the transparent mode). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |