Electronic Components Datasheet Search
  English  ▼

X  

T7121-PL2 Datasheet(PDF) 46 Page - Agere Systems

Part # T7121-PL2
Description  T7121 HDLC Interface for ISDN
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T7121-PL2 Datasheet(HTML) 46 Page - Agere Systems

Back Button T7121-PL2 Datasheet HTML 42Page - Agere Systems T7121-PL2 Datasheet HTML 43Page - Agere Systems T7121-PL2 Datasheet HTML 44Page - Agere Systems T7121-PL2 Datasheet HTML 45Page - Agere Systems T7121-PL2 Datasheet HTML 46Page - Agere Systems T7121-PL2 Datasheet HTML 47Page - Agere Systems T7121-PL2 Datasheet HTML 48Page - Agere Systems T7121-PL2 Datasheet HTML 49Page - Agere Systems T7121-PL2 Datasheet HTML 50Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
46
Lucent Technologies Inc.
Data Sheet
April 1997
T7121 HDLC Interface for ISDN (HIFI-64)
Clock Characteristics
System Clock Input (CLK): 0 MHz—12 MHz.
Transmit Data Clock (CLKX): no minimum frequency*, <CLK/2 maximum frequency to 4.096 MHz.
Receive Data Clock (CLKR): no minimum frequency*, <CLK/2 maximum frequency to 4.096 MHz.
* 8.192 MHz in CMS mode (R8—B6 = 1).
Timing Characteristics
TDM Frame Timing Diagrams
The timing of the transmission or reception of the first bit relative to the frame-sync pulse depends on the configu-
ration of 3 bits: FE (R0—B5), CLKXI (R9—B4), CLKRI (R9—B0). The timing diagrams below illustrate different
configurations of FE, CLKXI, and CLKRI.
5-5038
Figure 12. FE = 0, CLKXI = 0, CLKRI = 0
0
1
234567
0
1
234567
FRAME SYNC SAMPLED ON THIS EDGE OF CLKX/CLKR
FIRST BIT TRANSMITTED
CLKX/CLKR
FS
(FE = 0)
DXA/B
(CLKXI = 0)
TSCA
DRA/B
(CLKRI = 0)
3-STATE
FIRST BIT SAMPLED
DON'T CARE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com