Electronic Components Datasheet Search
  English  ▼

X  

SPRUG16 Datasheet(PDF) 4 Page - Texas Instruments

Part # SPRUG16
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG16 Datasheet(HTML) 4 Page - Texas Instruments

  SPRUG16 Datasheet HTML 1Page - Texas Instruments SPRUG16 Datasheet HTML 2Page - Texas Instruments SPRUG16 Datasheet HTML 3Page - Texas Instruments SPRUG16 Datasheet HTML 4Page - Texas Instruments SPRUG16 Datasheet HTML 5Page - Texas Instruments SPRUG16 Datasheet HTML 6Page - Texas Instruments SPRUG16 Datasheet HTML 7Page - Texas Instruments SPRUG16 Datasheet HTML 8Page - Texas Instruments SPRUG16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
The device includes two Serial RapidIO® (SRIO) with link rates of 1.25 Gbps, 2.5 Gbps or 3.125 Gbps.
This high-bandwidth peripheral is used for point-to-point inter-device communication and may connect the
C6474 device to other DSPs, ASICs, or switches on the same board or across the backplane. This
dramatically improves system performance and reduces system cost for applications that include multiple
DSPs on a board such as video and telecom infrastructures and medical/imaging. The SRIO also provides
alarm, interrupt, and messaging events.
The device includes the SerDes-based antenna interface (AIF) capable of up to 3.072 Gbps operation per
link. The AIF comprises six high-speed serial links, compliant to OBSAI RP3 and CPRI standards. The
antenna interface is used to connect the backplane for antenna data transmission and reception. Each link
of the AIF includes a differential receive and transmit signal pair.
1.2.3
Accelerators
The device has two high-performance embedded coprocessors [enhanced Viterbi Decoder Coprocessor
(VCP2) and enhanced turbo decoder coprocessor (TCP2)] that significantly speed up channel-decoding
operations on-chip. The VCP2 operating at CPU clock divided-by-3 can decode over 694 7.95-Kbps
adaptive multi-rate (AMR) [K=9, R=1/3] voice channels. The VCP2 supports constraint lengths K = 5, 6, 7,
8, and 9, rates R = 3/4, 1/2, 1/3, and 1/5, and flexible polynomials, while generating hard decisions or soft
decisions. The TCP2 operating at CPU clock divided-by-3 can decode up to fifty 384-Kbps or eight
2-Mbps turbo encoded channels (assuming 6 iterations). The TCP2 implements the max*log-map
algorithm and is designed to support all polynomials and rates required by third-generation partnership
projects (3 GPP and 3 GPP2), with fully programmable frame length and turbo interleaver. Decoding
parameters such as the number of iterations and stopping criteria are also programmable.
Communications between the VCP2/TCP2 and the CPU are carried out through the EDMA3 controller.
4
Features
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com