Electronic Components Datasheet Search
  English  ▼

X  

SPRUG16 Datasheet(PDF) 27 Page - Texas Instruments

Part # SPRUG16
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG16 Datasheet(HTML) 27 Page - Texas Instruments

Back Button SPRUG16 Datasheet HTML 23Page - Texas Instruments SPRUG16 Datasheet HTML 24Page - Texas Instruments SPRUG16 Datasheet HTML 25Page - Texas Instruments SPRUG16 Datasheet HTML 26Page - Texas Instruments SPRUG16 Datasheet HTML 27Page - Texas Instruments SPRUG16 Datasheet HTML 28Page - Texas Instruments SPRUG16 Datasheet HTML 29Page - Texas Instruments SPRUG16 Datasheet HTML 30Page - Texas Instruments SPRUG16 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
Table 2-5. Terminal Functions (continued)
SIGNAL
TYPE(1)
IPD/IPU(2)
SIGNAL DESCRIPTION
NAME
NO.
Core Clock Select to select between SYSCLK(N|P) and ALTCORECCLK to the
CORECLKSEL
AF7
I
main PLL
RIOSGMIICLKN
D9
I
RapidIO/SGMII Reference Clock to drive the RapidIO and SGMII SERDES
RIOSGMIICLKP
C9
I
DDR MEMORY CONTROLLER
DDRDQM0
W24
O/Z
DDRDQM1
AE24
O/Z
DDR2 EMIF Data Masks
DDRDQM2
B24
O/Z
DDRDQM3
H24
O/Z
DDRCE
L24
O/Z
DDR2 EMIF Chip Enable
DDRBA0
T25
O/Z
DDRBA1
R25
O/Z
DDR Bank Address
DDRBA2
U25
O/Z
DDRA00
K25
O/Z
DDRA01
N25
O/Z
DDRA02
M25
O/Z
DDRA03
R26
O/Z
DDRA04
L25
O/Z
DDRA05
N27
O/Z
DDRA06
L26
O/Z
DDR2 EMIF Address Bus
DDRA07
U26
O/Z
DDRA08
K26
O/Z
DDRA09
R27
O/Z
DDRA10
P25
O/Z
DDRA11
L27
O/Z
DDRA12
U27
O/Z
DDRA13
K27
O/Z
DDRCLKOUTP0
V25
O/Z
DDRCLKOUTN0
V24
O/Z
DDR2 EMIF Output Clocks to drive SDRAMs (one clock pair per SDRAM)
DDRCLKOUTP1
J25
O/Z
DDRCLKOUTN1
J24
O/Z
Copyright
© 2008–2011, Texas Instruments Incorporated
Device Overview
27
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com