Electronic Components Datasheet Search
  English  ▼

X  

SPRUG16 Datasheet(PDF) 5 Page - Texas Instruments

Part # SPRUG16
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG16 Datasheet(HTML) 5 Page - Texas Instruments

  SPRUG16 Datasheet HTML 1Page - Texas Instruments SPRUG16 Datasheet HTML 2Page - Texas Instruments SPRUG16 Datasheet HTML 3Page - Texas Instruments SPRUG16 Datasheet HTML 4Page - Texas Instruments SPRUG16 Datasheet HTML 5Page - Texas Instruments SPRUG16 Datasheet HTML 6Page - Texas Instruments SPRUG16 Datasheet HTML 7Page - Texas Instruments SPRUG16 Datasheet HTML 8Page - Texas Instruments SPRUG16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 214 page
background image
DSP Subsystem 2
C64x+ Megamodule
L1P Memory Controller (Memory Protect/Bandwidth Mgmt)
Instruction Fetch
EDMA 3.0
A Register File
A31 - A16
A15 - A0
B Register File
B31 - B16
B15 - B0
.L1
.S1
.M1
xx
xx
.D1
C64x+ DSP Core
32K Bytes
L1P SRAM/Cache
Direct-Mapped
32K Bytes Total
L1D SRAM/Cache 2-Way
Set Associative
PLL1 and
PLL1 Controller
Semaphore
Power-Down and Device
Configuration Logic
L3 ROM
Boot Configuration
DDR2 Memory
Controller
PLL2
Serial RapidIO
(2x)
TCP2
VCP2
McBSP0
EMAC
10/100/1000
SGMII
MDIO
Timer [0-5]
I2C
GPIO16
FSYNC
Antenna
Interface
32
L1 Data Memory Controller (Memory Protect/Bandwidth Mgmt)
DSP Subsystem 1
DSP Subsystem 0
2
McBSP1
16
.D2
.M2
xx
xx
.S2
.L2
16-/32-bit
Instruction Dispatch
Instruction Decode
Control Registers
SPLOOP Buffer
In-Circuit Emulation
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
1.3
C6474 Functional Block Diagram
Figure 1-2 shows the functional block diagram of the C6474 device.
Figure 1-2. Functional Block Diagram
Copyright
© 2008–2011, Texas Instruments Incorporated
Features
5
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com