Electronic Components Datasheet Search
  English  ▼

X  

AD5535B Datasheet(PDF) 6 Page - Analog Devices

Part # AD5535B
Description  32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5535B Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5535B Datasheet HTML 2Page - Analog Devices AD5535B Datasheet HTML 3Page - Analog Devices AD5535B Datasheet HTML 4Page - Analog Devices AD5535B Datasheet HTML 5Page - Analog Devices AD5535B Datasheet HTML 6Page - Analog Devices AD5535B Datasheet HTML 7Page - Analog Devices AD5535B Datasheet HTML 8Page - Analog Devices AD5535B Datasheet HTML 9Page - Analog Devices AD5535B Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD5535B
Data Sheet
Rev. A | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VPP to AGND
0.3 V to 240 V
V+ to AGND
−0.3 V to +7 V
AVCC to AGND, DAC_GND
−0.3 V to +7 V
DVCC to DGND
−0.3 V to +7 V
Digital Inputs to DGND
−0.3 V to DVCC + 0.3 V
REF_IN to AGND, DAC_GND
−0.3 V to AVCC + 0.3 V
VOUT0 to VOUT31 to AGND
–0.3 V to VPP + 0.3 V
ANODE/CATHODE to AGND, DAC_GND
−0.3 V to +7 V
AGND to DGND
−0.3 V to +0.3 V
Operating Temperature Range
Industrial
−10°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ max)
150°C
124-Lead CSP_BGA Package,
θJA Thermal Impedance
40°C/W
Lead Temperature
JEDEC industry standard
Soldering
J-STD-020
ESD
Human Body Model
2.5 kV
Machine Model
250 V
Field Induced Charged Device Model
400 V
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Transient currents of up to 100 mA do not cause SCR latch-up.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com