Electronic Components Datasheet Search
  English  ▼

X  

AD5535B Datasheet(PDF) 1 Page - Analog Devices

Part # AD5535B
Description  32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5535B Datasheet(HTML) 1 Page - Analog Devices

  AD5535B Datasheet HTML 1Page - Analog Devices AD5535B Datasheet HTML 2Page - Analog Devices AD5535B Datasheet HTML 3Page - Analog Devices AD5535B Datasheet HTML 4Page - Analog Devices AD5535B Datasheet HTML 5Page - Analog Devices AD5535B Datasheet HTML 6Page - Analog Devices AD5535B Datasheet HTML 7Page - Analog Devices AD5535B Datasheet HTML 8Page - Analog Devices AD5535B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
32-Channel, 14-Bit DAC with Full-Scale Output
Voltage Programmable from 50 V to 200 V
Data Sheet
AD5535B
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High integration
32-channel, 14-bit denseDAC® with integrated high
voltage output amplifier
Guaranteed monotonic
Housed in 15 mm × 15 mm CSP_BGA package
Full-scale output voltage programmable from 50 V to 200 V
via reference input
550 µA drive capability
Integrated silicon diode for temperature monitoring
DSP-/microcontroller-compatible serial interface
1.2 MHz channel update rate
Asynchronous RESET facility
–10°C to +85°C temperature range
APPLICATIONS
Optical microelectromechanical systems (MEMS)
Optical crosspoint switches
Micropositioning applications using piezoelectric actuators
Level setting in automotive test and measurement
GENERAL DESCRIPTION
The AD5535B is a 32-channel, 14-bit denseDAC® with an on-chip
high voltage output amplifier. This device is targeted for optical
micro-electromechanical systems. The output voltage range is
programmable via the REF_IN pin. The output range is 0 V to
50 V when REF_IN = 1 V, and 0 V to 200 V when REF_IN = 4 V.
Each amplifier can source 550 µA, which is ideal for the deflection
and control of optical MEMS mirrors.
The selected digital-to-analog converter (DAC) register is written
to via the 3-wire interface. The serial interface operates at clock
rates of up to 30 MHz and is compatible with DSP and micro-
controller interface standards.
The device is operated with AVCC = 4.75 V to 5.25 V, DVCC =
2.7 V to 5.25 V, V+ = 4.75 V to 5.25 V, and VPP of up to 225 V.
REF_IN is buffered internally on the AD5535B and should be
driven from a stable reference source.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
RF
R1
RF
R1
RF
R1
RF
R1
INTERFACE
CONTROL
LOGIC
DAC
DAC
DAC
DAC
DVCC
AVCC
SYNC
DIN
SCLK
DGND
AGND
DAC_GND
RESET
REF_IN
VPP
PGND
V+
14-BIT BUS
ANODE
CATHODE
VOUT0
VOUT1
VOUT30
VOUT31
AD5535B


Similar Part No. - AD5535B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5535 AD-AD5535 Datasheet
396Kb / 16P
32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
Oct-2004
AD5535ABC AD-AD5535ABC Datasheet
396Kb / 16P
32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
Oct-2004
More results

Similar Description - AD5535B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5532 AD-AD5532 Datasheet
244Kb / 16P
32-Channel, 14-Bit Voltage-Output DAC
AD5382 AD-AD5382 Datasheet
616Kb / 40P
32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
5/04-Revision 0
AD5383 AD-AD5383 Datasheet
1Mb / 40P
32-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
5/04-Revision 0
AD5535 AD-AD5535 Datasheet
396Kb / 16P
32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
Oct-2004
AD5384 AD-AD5384 Datasheet
1Mb / 36P
40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
10/04-Changed from Rev. 0 to Rev. A
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5532 AD-AD5532_15 Datasheet
394Kb / 20P
32-Channel, 14-Bit Voltage-Output DAC
REV. D
AD45335 AD-AD45335 Datasheet
961Kb / 17P
32-Channel, 14-Bit DAC with Full-Scale Output
Rev. PrA
AD45335 AD-AD45335_V01 Datasheet
953Kb / 16P
32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com