Electronic Components Datasheet Search
  English  ▼

X  

AD5535B Datasheet(PDF) 9 Page - Analog Devices

Part # AD5535B
Description  32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5535B Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5535B Datasheet HTML 5Page - Analog Devices AD5535B Datasheet HTML 6Page - Analog Devices AD5535B Datasheet HTML 7Page - Analog Devices AD5535B Datasheet HTML 8Page - Analog Devices AD5535B Datasheet HTML 9Page - Analog Devices AD5535B Datasheet HTML 10Page - Analog Devices AD5535B Datasheet HTML 11Page - Analog Devices AD5535B Datasheet HTML 12Page - Analog Devices AD5535B Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
AD5535B
Rev. A | Page 9 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 4. Integral Nonlinearity (INL) with Full-Scale Range = 50 V
Figure 5. Differential Nonlinearity (DNL) with Full-Scale Range = 50 V
Figure 6. INL with Full-Scale Range = 200 V
Figure 7. DNL with Full-Scale Range = 200 V
Figure 8. Short-Circuit Current Limit Timing
Figure 9. Worst-Case Adjacent Channel Crosstalk
16
–16
0
INPUT CODE
12
8
4
0
–4
–8
–12
2048
4096
6144
8192
10240
12288
14336 16384
VPP = 60V
V+ = AVCC = +5V
REF_IN = 1V
TA = 25°C
1.00
–1.00
0
INPUT CODE
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
2048
4096
6144
8192
10240
12288
14336 16384
VPP = 60V
V+ = AVCC = +5V
REF_IN = 1V
TA = 25°C
16
–16
0
INPUT CODE
12
8
4
0
–4
–8
–12
2048
4096
6144
8192
10240
12288
14336 16384
VPP = 210V
V+ = AVCC = +5.25V
REF_IN = 4.096V
TA = 25°C
1.00
–1.00
0
INPUT CODE
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
2048
4096
6144
8192
10240
12288
14336 16384
VPP = 210V
V+ = AVCC = +5.25V
REF_IN = 4.096V
TA = 25°C
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
0
2048
4096
6144
8192
10240
12288
14336
16384
INPUT CODE
CH1 5V
CH2 5V
M 500ns
CH1
21.6V
T
10k
Ω
DAC
AMP
CHANNEL 2
CHANNEL 1
CHANNEL 2
CHANNEL 1
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
0
2048
4096
6144
8192
10240
12288
14336
16384
INPUT CODE
CH1 50V
CH2 200mV
M 10µs
CH1
1
2
T
VPP = 210V
V+ = AVCC = +5.25V
REF_IN = 4.096V
VOUT = 100V
TA = 25°C
CHANNEL 1: CHANNEL OUTPUT SLEW
CHANNEL 2: AC CROSSTALK
CHANNEL 2 AREA
11 µV-sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com