Electronic Components Datasheet Search
  English  ▼

X  

ADP2380 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP2380
Description  20 V, 4 A Synchronous Step-Down Regulator with Low-Side Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2380 Datasheet(HTML) 1 Page - Analog Devices

  ADP2380 Datasheet HTML 1Page - Analog Devices ADP2380 Datasheet HTML 2Page - Analog Devices ADP2380 Datasheet HTML 3Page - Analog Devices ADP2380 Datasheet HTML 4Page - Analog Devices ADP2380 Datasheet HTML 5Page - Analog Devices ADP2380 Datasheet HTML 6Page - Analog Devices ADP2380 Datasheet HTML 7Page - Analog Devices ADP2380 Datasheet HTML 8Page - Analog Devices ADP2380 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
20 V, 4 A Synchronous Step-Down
Regulator with Low-Side Driver
Data Sheet
ADP2380
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Input voltage: 4.5 V to 20 V
Integrated 44 mΩ high-side MOSFET
0.6 V ± 1% reference voltage over temperature
Continuous output current: 4 A
Programmable switching frequency: 250 kHz to 1.4 MHz
Synchronizes to external clock: 250 kHz to 1.4 MHz
180° out-of-phase synchronization
Programmable UVLO
Power-good output
External compensation
Internal soft start with external adjustable option
Startup into a precharged output
Supported by ADIsimPower design tool
APPLICATIONS
Communications infrastructure
Networking and servers
Industrial and instrumentation
Healthcare and medical
Intermediate power rail conversion
DC-to-dc point of load application
TYPICAL APPLICATIONS CIRCUIT
ADP2380
1
PVIN
PVIN
UVLO
PGOOD
RT
SYNC
EN/SS
COMP
BST
SW
SW
LD
VREG
PGND
GND
FB
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ROSC
RTOP
RBOT
CSS
CIN
COUT
VOUT
CBST
CVREG
L
VIN
CC_EA
CCP_EA
RC_EA
FET
Figure 1.
100
50
55
60
65
70
75
80
85
90
95
0
1.0
2.0
3.5
2.5
1.5
0.5
3.0
4.0
OUTPUT CURRENT (A)
VOUT = 1.2V
VOUT = 3.3V
VOUT = 5V
Figure 2. Efficiency vs. Output Current, VIN = 12 V, fSW = 250 kHz
GENERAL DESCRIPTION
The ADP2380 is a current mode control, synchronous, step-down,
dc-to-dc regulator. It integrates a 44 mΩ high-side power MOSFET
and a low-side driver to provide a high efficiency solution. The
ADP2380 runs from an input voltage of 4.5 V to 20 V and can
deliver 4 A of output current. The output voltage can be adjusted
to 0.6 V to 90% of the input voltage. The switching frequency of
the ADP2380 can be programmed from 250 kHz to 1.4 MHz or
fixed at 290 kHz or 540 kHz. The synchronization function allows
the switching frequency to be synchronized to an external clock
to minimize system noise.
External compensation and an adjustable soft start provide
design flexibility. The power-good output provides simple and
reliable power sequencing. Additional features include
programmable undervoltage lockout (UVLO), overvoltage
protection (OVP), overcurrent protection (OCP), and thermal
shutdown (TSD).
The ADP2380 operates over the −40°C to +125°C junction
temperature range and is available in a 16-lead TSSOP_EP
package.


Similar Part No. - ADP2380

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2381 AD-ADP2381 Datasheet
843Kb / 28P
20 V, 6 A Synchronous Step-Down
REV. 0
ADP2381-EVALZ AD-ADP2381-EVALZ Datasheet
843Kb / 28P
20 V, 6 A Synchronous Step-Down
REV. 0
ADP2381AREZ AD-ADP2381AREZ Datasheet
843Kb / 28P
20 V, 6 A Synchronous Step-Down
REV. 0
ADP2381AREZ-R7 AD-ADP2381AREZ-R7 Datasheet
843Kb / 28P
20 V, 6 A Synchronous Step-Down
REV. 0
ADP2384 AD-ADP2384 Datasheet
650Kb / 24P
20 V, 4 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
More results

Similar Description - ADP2380

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2325 AD-ADP2325 Datasheet
853Kb / 32P
Dual 5 A, 20 V Synchronous Step-Down
REV. 0
ADP2381 AD-ADP2381 Datasheet
843Kb / 28P
20 V, 6 A Synchronous Step-Down
REV. 0
ADP2384 AD-ADP2384 Datasheet
650Kb / 24P
20 V, 4 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
ADP2386 AD-ADP2386 Datasheet
711Kb / 24P
20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
REV. A
ADP2323ACPZ-R7 AD-ADP2323ACPZ-R7 Datasheet
2Mb / 32P
Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
ADP2323ACPZ-R7 AD-ADP2323ACPZ-R7 Datasheet
976Kb / 32P
Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
logo
STMicroelectronics
A6986F STMICROELECTRONICS-A6986F Datasheet
6Mb / 72P
38 V 1.5 A synchronous step-down switching regulator
15-Apr-2015
R6986 STMICROELECTRONICS-R6986 Datasheet
2Mb / 62P
38 V, 2 A synchronous step-down switching regulator
13-May-2015
logo
Texas Instruments
TPS564208 TI1-TPS564208 Datasheet
1Mb / 24P
4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator
logo
Analog Devices
ADP2387 AD-ADP2387 Datasheet
571Kb / 25P
20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
4/2017-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com