Electronic Components Datasheet Search
  English  ▼

X  

ADP2380 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP2380
Description  20 V, 4 A Synchronous Step-Down Regulator with Low-Side Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2380 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP2380 Datasheet HTML 15Page - Analog Devices ADP2380 Datasheet HTML 16Page - Analog Devices ADP2380 Datasheet HTML 17Page - Analog Devices ADP2380 Datasheet HTML 18Page - Analog Devices ADP2380 Datasheet HTML 19Page - Analog Devices ADP2380 Datasheet HTML 20Page - Analog Devices ADP2380 Datasheet HTML 21Page - Analog Devices ADP2380 Datasheet HTML 22Page - Analog Devices ADP2380 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
ADP2380
Rev. 0 | Page 19 of 28
Use the following design guidelines to select the RC, CC, and CCP
compensation components:
•
Determine the cross frequency, fC. Generally, fc is between
fSW/12 and fSW/6.
•
RC can be calculated by
VI
m
REF
C
OUT
OUT
C
A
g
V
f
C
V
R
×
×
×
×
×
×
=
π
2
where:
VREF = 0.6 V.
gm = 470 µS.
•
Place the compensation zero at the domain pole, fP. CC can
be determined by
C
OUT
ESR
C
R
C
R
R
C
×
+
=
)
(
•
CCP is optional, and it can be used to cancel the zero caused
by the ESR of the output capacitors.
C
OUT
ESR
CP
R
C
R
C
×
=
Compensation Network Between COMP and FB
The compensation RC network can also be placed between
COMP and FB, as shown in Figure 34.
RESR
R
+
–
g
m
COUT
RTOP
RBOT
–
+
AVI
VOUT
VCOMP
VOUT
ADP2380
GND
COMP
FB
CCP_EA
RC_EA
CC_EA
Figure 34. Small Signal Circuit with Compensation Network Between COMP
and FB
When connecting the compensation network as shown in
Figure 34, it requires the same pole and zero as in Figure 33
to maintain the same compensation performance.
Assuming that the compensation networks of Figure 33 and
Figure 34 have the same pole and zero,
)
1
)(
//
)(
(
)
(
)
(
)
1
)(
//
(
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
0
m
BOT
TOP
EA
C
EA
CP
EA
C
EA
C
EA
C
EA
CP
0
C
C
C
CP
0
0
m
BOT
TOP
EA
CP
EA
C
EA
C
EA
CP
EA
C
EA
C
0
CP
C
C
0
m
EA
C
EA
CP
EA
C
EA
C
C
C
r
g
R
R
C
C
C
R
C
C
r
C
R
C
C
r
r
g
R
R
C
C
R
C
C
R
r
C
C
R
r
g
C
C
C
R
C
R
×
+
+
+
+
+
=
+
+
×
+
+
=
+
−
=
where:
r0 is the equivalent output impedance of the transconductance
amplifier, 40 MΩ.
BOT
TOP
BOT
TOP
BOT
TOP
R
R
R
R
R
R
+
=
//
Solve the preceding equations to obtain
)
)(
(
)
)(
(
_
_
_
_
A
r
C
R
B
C
C
R
r
C
C
C
R
B
R
A
r
C
R
B
C
C
R
r
g
B
C
0
C
C
CP
C
C
0
EA
CP
EA
C
C
C
EA
C
0
C
C
CP
C
C
0
m
EA
C
+
+
=
+
=
+
+
−
×
=
where:
)
(
1
)
(
)
1
)(
//
(
0
m
C
CP
0
0
m
BOT
TOP
r
A
g
C
C
r
B
r
g
R
R
A
+
+
+
=
×
+
=
ADIsimPOWER DESIGN TOOL
The ADP2380 is supported by the ADIsimPower™ design tool
set. ADIsimPower is a collection of tools that produce complete
power designs that are optimized for a specific design goal. The
tools enable the user to generate a full schematic and bill of
materials and calculate performance in minutes. ADIsimPower
can optimize designs for cost, area, efficiency, and parts count,
while taking into consideration the operating conditions and
limitations of the IC and all real external components. For
more information about the ADIsimPower design tools, visit
www.analog.com/ADIsimPower. The tool set is available from
this website, and users can request an unpopulated board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com