Electronic Components Datasheet Search
  English  ▼

X  

ADP2380 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP2380
Description  20 V, 4 A Synchronous Step-Down Regulator with Low-Side Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2380 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP2380 Datasheet HTML 19Page - Analog Devices ADP2380 Datasheet HTML 20Page - Analog Devices ADP2380 Datasheet HTML 21Page - Analog Devices ADP2380 Datasheet HTML 22Page - Analog Devices ADP2380 Datasheet HTML 23Page - Analog Devices ADP2380 Datasheet HTML 24Page - Analog Devices ADP2380 Datasheet HTML 25Page - Analog Devices ADP2380 Datasheet HTML 26Page - Analog Devices ADP2380 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
ADP2380
Rev. 0 | Page 23 of 28
Table 12. Recommended External Components for Typical Applications with Compensation Network Between COMP and FB Pins,
4 A Output Current
fSW (kHz)
VIN (V)
VOUT (V)
L (µH)
COUT (µF)1
RTOP (kΩ)
RBOT (kΩ)
RC_EA (kΩ)
CC_EA (pF)
CCP_EA (pF)
250
12
1
3.3
680 + 2 × 100
10
15
191
1000
47
12
1.2
3.3
680
10
10
169
1200
33
12
1.5
4.7
680
15
10
237
1000
22
12
1.8
4.7
470
20
10
220
1000
22
12
2.5
6.8
3 × 100
47.5
15
187
680
1
12
3.3
6.8
2 × 100
10
2.21
47
2200
4.7
12
5
10
100 + 47
22
3
69.8
1800
2.2
5
1
3.3
680 + 2 × 100
10
15
191
1000
39
5
1.2
3.3
680
10
10
169
1200
39
5
1.5
3.3
470
15
10
169
1000
22
5
1.8
3.3
3 × 100
20
10
88.7
1000
3.9
5
2.5
4.7
2 × 100
47.5
15
124
680
2.2
5
3.3
3.3
2 × 100
10
2.21
47
2200
15
500
12
1.2
2.2
470
10
10
237
680
22
12
1.5
2.2
3 × 100
15
10
130
470
2.2
12
1.8
2.2
2 × 100
20
10
110
470
2.2
12
2.5
3.3
2 × 100
47.5
15
249
330
1
12
3.3
4.7
2 × 100
10
2.21
95.3
1000
2.2
12
5
4.7
100
22
3
86.6
820
1
5
1
1.5
470
10
15
220
470
22
5
1.2
1.5
3 × 100
10
10
95.3
680
3.3
5
1.5
2.2
3 × 100
15
10
130
470
2.2
5
1.8
2.2
2 × 100
20
10
110
470
2.2
5
2.5
2.2
2 × 47
47.5
15
147
330
1
5
3.3
2.2
100 + 47
10
2.21
75
1000
1
1000
12
1.8
1.5
2 × 100
20
10
232
220
1
12
2.5
1.5
100
47.5
15
232
150
1
12
3.3
2.2
100
10
2.21
95.3
470
1
12
5
2.2
100
22
3
169
470
1
5
1
1
3 × 100
10
15
180
270
2.2
5
1.2
1
2 × 100
10
10
127
330
2.2
5
1.5
1
100 + 47
15
10
140
270
1
5
1.8
1
2 × 47
20
10
137
270
1
5
2.5
1
100
47.5
15
249
150
1
5
3.3
1
100
10
2.21
93.1
470
1
1
680 μF: 4V, Sanyo 4TPF680M; 470 μF: 6.3 V, Sanyo 6TPF470M; 100 μF: 6.3 V, X5R, Murata GRM32ER60J107ME20; 47 μF: 6.3 V, X5R, Murata GRM32ER60J476ME20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com